Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LV5144 95-V, Synchronous, Buck DC/DC Controller With Wide Duty Cycle Range
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5145 Datasheet(HTML) 46 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 42Page - Texas Instruments LM5145 Datasheet HTML 43Page - Texas Instruments LM5145 Datasheet HTML 44Page - Texas Instruments LM5145 Datasheet HTML 45Page - Texas Instruments LM5145 Datasheet HTML 46Page - Texas Instruments LM5145 Datasheet HTML 47Page - Texas Instruments LM5145 Datasheet HTML 48Page - Texas Instruments LM5145 Datasheet HTML 49Page - Texas Instruments LM5145 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
low-side MOSFET (at ground). Similarly, connect the input capacitor or capacitors positive terminal close
to the drain of the high-side MOSFET (at VIN). Refer to loop #1 of Figure 9-33.
• Another loop, not as critical though as loop #1, is the path from the low-side MOSFET through the
inductor and output capacitors, and back to source of the low-side MOSFET through ground. Connect the
source of the low-side MOSFET and negative terminal of the output capacitor or capacitors at ground as
close as possible.
3. The PCB trace defined as SW node, which connects to the source of the high-side (control) MOSFET, the
drain of the low-side (synchronous) MOSFET and the high-voltage side of the inductor, must be short and
wide. However, the SW connection is a source of injected EMI and thus must not be too large.
4. Follow any layout considerations of the MOSFETs as recommended by the MOSFET manufacturer,
including pad geometry and solder paste stencil design.
5. The SW pin connects to the switch node of the power conversion stage and acts as the return path for the
high-side gate driver. The parasitic inductance inherent to loop #1 in Figure 9-33 and the output capacitance
(COSS) of both power MOSFETs form a resonant circuit that induces high frequency (> 100 MHz) ringing
on the SW node. The voltage peak of this ringing, if not controlled, can be significantly higher than the
input voltage. Ensure that the peak ringing amplitude does not exceed the absolute maximum rating limit
for the SW pin. In many cases, a series resistor and capacitor snubber network connected from the SW
node to GND damps the ringing and decreases the peak amplitude. Provide provisions for snubber network
components in the PCB layout. If testing reveals that the ringing amplitude at the SW pin is excessive, then
include snubber components as needed.
9.4.1.2 Gate Drive Layout
The LV5144 high-side and low-side gate drivers incorporate short propagation delays, adaptive dead-time
control and low-impedance output stages capable of delivering large peak currents with very fast rise and
fall times to facilitate rapid turnon and turnoff transitions of the power MOSFETs. Very high di/dt can cause
unacceptable ringing if the trace lengths and impedances are not well controlled.
Minimization of stray or parasitic gate loop inductance is key to optimizing gate drive switching performance,
whether it be series gate inductance that resonates with MOSFET gate capacitance or common source
inductance (common to gate and power loops) that provides a negative feedback component opposing the
gate drive command, thereby increasing MOSFET switching times. The following loops are important:
• Loop 2: high-side MOSFET, Q1. During the high-side MOSFET turnon, high current flows from the bootstrap
(boot) capacitor through the gate driver and high-side MOSFET, and back to the negative terminal of the boot
capacitor through the SW connection. Conversely, to turn off the high-side MOSFET, high current flows from
the gate of the high-side MOSFET through the gate driver and SW, and back to the source of the high-side
MOSFET through the SW trace. Refer to loop #2 of Figure 9-33.
• Loop 3: low-side MOSFET, Q2. During the low-side MOSFET turn-on, high current flows from the VCC
decoupling capacitor through the gate driver and low-side MOSFET, and back to the negative terminal of the
capacitor through ground. Conversely, to turn off the low-side MOSFET, high current flows from the gate of
the low-side MOSFET through the gate driver and GND, and back to the source of the low-side MOSFET
through ground. Refer to loop #3 of Figure 9-33.
TI strongly recommends following circuit layout guidelines when designing with high-speed MOSFET gate drive
circuits.
1. Connections from gate driver outputs, HO and LO, to the respective gate of the high-side or low-side
MOSFET must be as short as possible to reduce series parasitic inductance. Use 0.65 mm (25 mils) or wider
traces. Use a via or vias, if necessary, of at least 0.5 mm (20 mils) diameter along these traces. Route HO
and SW gate traces as a differential pair from the LV5144 to the high-side MOSFET, taking advantage of flux
cancellation.
2. Minimize the current loop path from the VCC and BST pins through their respective capacitors as these
provide the high instantaneous current, up to 3.5 A, to charge the MOSFET gate capacitances. Specifically,
locate the bootstrap capacitor, CBST, close to the BST and SW pins of the LV5144 to minimize the area of
loop #2 associated with the high-side driver. Similarly, locate the VCC capacitor, CVCC, close to the VCC and
PGND pins of the LV5144 to minimize the area of loop #3 associated with the low-side driver.
LV5144
SNVSCJ1 – AUGUST 2023
www.ti.com
46
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LV5144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com