Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LV5144 95-V, Synchronous, Buck DC/DC Controller With Wide Duty Cycle Range
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5145 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 5Page - Texas Instruments LM5145 Datasheet HTML 6Page - Texas Instruments LM5145 Datasheet HTML 7Page - Texas Instruments LM5145 Datasheet HTML 8Page - Texas Instruments LM5145 Datasheet HTML 9Page - Texas Instruments LM5145 Datasheet HTML 10Page - Texas Instruments LM5145 Datasheet HTML 11Page - Texas Instruments LM5145 Datasheet HTML 12Page - Texas Instruments LM5145 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
7.5 Electrical Characteristics (continued)
Typical values correspond to TJ = 25°C. Minimum and maximum limits apply over the –40°C to 150°C junction temperature
range unless otherwise stated. VVIN = 48 V, VEN/UVLO = 1.5 V, RRT = 25 kΩ unless otherwise stated
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RLO-UP
LO high state resistance, LO to VCC
VBST – VSW = 7 V, ILO = –100 mA
1.5
Ω
RLO-DOWN
LO low state resistance, LO to PGND
VBST – VSW = 7 V, ILO = 100 mA
0.9
Ω
IHOH, ILOH
HO, LO source current
VBST – VSW = 7 V, HO = SW, LO =
AGND
2.3
A
IHOL, ILOL
HO, LO sink current
VBST – VSW = 7 V, HO = BST, LO =
VCC
3.5
A
THO-TR, TLO-
TR
HO, LO rise times
VBST – VSW = 7 V, CLOAD = 1 nF, 20%
to 80%
7
ns
THO-TF, TLO-
TF
HO, LO fall times
VBST – VSW = 7 V, CLOAD = 1 nF, 80%
to 20%
4
ns
THO-DT
HO turn-on deadtime
VBST – VSW = 7 V, 50% to 50%
14
ns
TLO-DT
LO turn-on deadtime
VBST – VSW = 7 V, 50% to 50%
14
ns
BOOTSTRAP DIODE AND UNDER-VOLTAGE THRESHOLD
VBST-FWD
VCC to BST
VCC to BST, BST pin sourcing 20 mA
0.75
0.9
V
IQ-BST
BST to SW quiescent current, not
switching
VSS/TRK = 0 V, VSW = 48 V, VBST = 54
V
80
µA
VBST-UV
BST to SW undervoltage detection
VBST – VSW falling
3.4
V
VBST-HYS
BST to SW undervoltage hysteresis
VBST – VSW rising
0.42
V
PWM CONTROL
TON(min)
Minimum controllable on-time
VBST – VSW = 7 V, HO 50% to 50%
45
ns
TOFF(min)
Minimum off-time
VBST – VSW = 7 V, HO 50% to 50%
145
ns
DC100KHz
Maximum duty cycle
FSW = 100 kHz, 5.5 V < VVIN < 60 V
98
99
%
DC400kHz
FSW = 400 kHz, 5.5 V < VVIN < 60 V
90
94
%
VRAMP(min)
RAMP valley voltage (COMP at 0%
duty cycle)
300
mV
kFF
PWM feedforward gain (VIN / VRAMP)
5.5 V < VVIN < 100 V
15
V / V
OVER CURRENT PROTECT (OCP) - VALLEY CURRENT LIMITING
IRS
ILIM source current, RSENSE Mode
Low voltage detected at ILIM
100
µA
IRDSON
ILIM source current, RDS-ON mode
SW voltage detected at ILIM , TJ =
25°C
180
200
220
µA
IRSTC
ILIM current tempco
RDS-ON mode
4500
ppm/°C
IRDSONTC
ILIM current tempco
RSENSE mode
0
ppm/°C
VILIM-TH
ILIM comparator threshold at ILIM
–8
–2
3.5
mV
SHORT CIRCUIT PROTECTION (SCP) - DUTY CYCLE CLAMP
VCLAMP-OS
Clamp offset voltage - No current
limiting
COMP to duty cycle clamp voltage
0.2 +
VVIN/75
V
VCLAMP-MIN
Minimum duty cycle clamp voltage
Clamp voltage with continuous OCP
0.3 +
VVIN/150
V
HICCUP MODE FAULT PROTECTION
CHICC-DEL
Hiccup mode activation delay
Clock cycles with current limiting
before off-time activated
128
cycles
CHICCUP
Hiccup mode off time after activation
Clock cycles with no switching
followed by SS/TRK release
8192
cycles
DIODE EMULATION / DCM OPERATION
VZCD-SS
Zero-cross detect (ZCD) soft-start
ramp
ZCD threshold measured at SW pin 50
cycles after first HO pulse
0
mV
VZCD-DIS
Zero-cross detect disable threshold
ZCD threshold measured at SW pin
1000 cycles after first HO pulse
200
mV
www.ti.com
LV5144
SNVSCJ1 – AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: LV5144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com