Electronic Components Datasheet Search
  English  ▼

X  

KT0806L Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # KT0806L
Description  Monolithic Digital Stereo FM Transmitter Radio-Station-on-a-Chip™
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KT0806L Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  KT0806L Datasheet HTML 1Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 2Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 3Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 4Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 5Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 6Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 7Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 8Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Copyright
©2010, KT Micro, Inc.
3
KT0806L
3 Package and Pin List
Table 3: KT0806L Pin Definition
Pin Index
Name
I/O Type
Function
1
NC
Not connected internally.
2
INL
Analog Input
Left channel audio input.
3
GND
Ground
Ground.
4
INR
Analog Input
Right channel audio input.
5
NC1
Reserved. Do not connect.
6
NC2
Reserved. Do not connect.
7
SW1
Digital Input
Control bit. Chip enable, supply mode and clock source.
8
SW2
Digital Input
Control bit. Chip enable, supply mode and clock source.
9
GND
Ground
Ground
10
SDA
Digital I/O
Serial data I/O.
11
SCL
Digital I/O
Serial clock input.
12
PA_OUT
Analog Output
FM RF output.
13
GND
Ground
Ground
14
XO
Analog I/O
Crystal output.
15
XI/CLK
Analog I/O
Crystal input or external reference clock input.
16
IOVDD
Power
1.6~3.3V external logic IOVDD or Regulator high supply input.
Figure 2: Pin-out
1
2
3
4
12
11
10
9
NC
INL
GND
INR
PA_OUT
SCL
SDA
GND
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com