Electronic Components Datasheet Search
  English  ▼

X  

KT0806L Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # KT0806L
Description  Monolithic Digital Stereo FM Transmitter Radio-Station-on-a-Chip™
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KT0806L Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button KT0806L Datasheet HTML 7Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 8Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 9Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 10Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 11Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 12Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 13Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 14Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Copyright
©2010, KT Micro, Inc.
11
KT0806L
Bits
Type
Default
Label
Description
3:0
RW
0000
ALC_ATTACK_TIM
E[3:0]
ALC Attack Time Selection
0000 = 25us
0001 = 50us
0010 = 75us
0011 = 100us
0100 = 125us
0101 = 150us
0110 = 175us
0111 = 200us
1000 = 50ms
1001 = 100ms
1010 = 150ms
1011 = 200ms
1100 = 250ms
1101 = 300ms
1110 = 350ms
1111 = 400ms
5.7 Register 0x0E (Address: 0x0E, Default: 0x02)
Bit
7
6
5
4
3
2
1
0
KT0806L
-
-
-
-
-
-
PA_BIAS
-
Bits
Type
Default
Label
Description
7:2
RW
0x00
Reserved
Reserved
1
RW
1
PA_BIAS
PA Bias Current Enhancement.
0 = Disable
1 = Enable
0
RW
0
Reserved
Reserved
5.8 Register 0x0F (Address: 0x0F, Read only)
Bit
7
6
5
4
3
2
1
0
KT0806L
-
-
-
PW_OK
-
SLNCID
-
-
Bits
Type
Default
Label
Description
7
R
NA
Reserved
Reserved
6
R
NA
Reserved
Reserved
5
R
NA
Reserved
Reserved
4
R
NA
PW_OK
Power OK Indicator
3
R
NA
Reserved
Reserved
2
R
NA
SLNCID
1 When Silence is Detected
1
R
NA
Reserved
Reserved
0
R
NA
Reserved
Reserved
5.9 Register 0x10 (Address: 0x10, Default: 0xA8)
Bit
7
6
5
4
3
2
1
0
KT0806L
-
-
-
-
-
-
-
PGAMOD
KT0806
-
-
-
LMTLVL[1:0]
-
-
PGAMOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com