Electronic Components Datasheet Search
  English  ▼

X  

KT0806L Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # KT0806L
Description  Monolithic Digital Stereo FM Transmitter Radio-Station-on-a-Chip™
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KT0806L Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  KT0806L Datasheet HTML 1Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 2Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 3Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 4Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 5Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 6Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 7Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 8Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
KT0806L
Monolithic Digital Stereo FM Transmitter
Radio-Station-on-a-Chip™
Features
Hardware compatible with KT0806
Additional features to KT0806
Software standby;
Automatic power down power amplifier
when silence is detected;
Multiple reference clock support
including from 32.768KHz to 26MHz;
ALC (Automatic Level Control)
Higher SNR (66dB)
Increased audio frequency response
Software controlled XTAL selection
Professional Grade Performance:
SNR ≥ 66 dB
Stereo Separation > 40 dB
International compatible 70MHz ~ 108MHz
Ultra-Low Power Consumption:
< 17 mA operation current
< 3 µA standby current
Small Form Factor:
16-pins QFN 3x3
Simple Interface:
Single power supply
Standard 2-wire I
2C MCU interface
Advanced Digital Audio Signal Processing:
On-chip 20-bit ΔΣ Audio ADC
On-chip DSP core
On-chip 24dB PGA with optional 1dB step
Automatic calibration against process
and temperature
1.6V ~ 3.6V supply
Programmable transmit level
Programmable pre-emphasis (50/75 µs)
Pb-free and RoHS Compliant
Applications
MP3 Player, Cellular Phone, PDA, PND,
Portable Personal Media player and its accessory,
Laptop Computer, Wireless Speaker
Rev. 1.4
Information furnished by KT Micro is believed to be accurate
and reliable. However, no responsibility is assumed by KT
Micro for its use, nor for any infringements of patents or
other rights of third parties which may result from its use. No
license is granted by implication or otherwise under any
patent or patent rights of KT Micro, Inc..
Figure 1: KT0806L System Diagram
General Description
KT0806L, our new generation of low cost Monolithic
Digital FM Transmitter, is designed to process high-fidelity
stereo audio signal and transmit modulated FM signal over
a short range. It’s based on the architecture of award-
winning KT0801 and it’s also an upgrade of KT0806. The
additional features added to KT0806L are standby mode
through software, ALC (automatic level control), multiple
reference clock, increased SNR performance and frequency
response.
The KT0806L features dual 20-bit ΔΣ audio ADCs, a high-
fidelity digital stereo audio processor and a fully integrated
radio frequency (RF) transmitter. An on-chip low-drop-out
regulator (LDO) allows the chip to be integrated in a wide
range of low-voltage battery-operated systems with power
supply ranging from 1.6V to 3.6V.
The KT0806L is configured as an I2C slave and
programmed through the industry standard 2-wire MCU
interface.
Thanks to its high integration level, the KT0806L is
mounted in a generic 16-pin QFN package. It only requires
a single low-voltage supply. No external tuning is required
that makes design-in effort minimum.
KT Micro, Inc., 22391 Gilberto, Suite D
Rancho Santa Margarita, CA 92688
Tel: 949.713.4000
http://www.ktmicro.com
Fax: 949.713.4004
Copyright
©2010, KT Micro, Inc..


Similar Part No. - KT0806L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KT0803K ETC2-KT0803K Datasheet
951Kb / 18P
Monolithic Digital Stereo FM Transmitter Radio-Station-on-a-Chip?
KT0803L ETC2-KT0803L Datasheet
743Kb / 23P
Monolithic Digital Stereo FM Transmitter Radio-Station-on-a-Chip
More results

Similar Description - KT0806L

ManufacturerPart #DatasheetDescription
logo
Rohm
BA1404 ROHM-BA1404 Datasheet
136Kb / 4P
Fm Stereo Transmitter
logo
NXP Semiconductors
TEA5767 PHILIPS-TEA5767 Datasheet
382Kb / 2P
single-chip FM stereo radio
March 2002
logo
Texas Instruments
SN761633 TI-SN761633 Datasheet
527Kb / 27P
FM STEREO RADIO WITH TRANSMITTER
SN761634 TI-SN761634 Datasheet
419Kb / 20P
FM STEREO TRANSMITTER
logo
List of Unclassifed Man...
KT0803K ETC2-KT0803K Datasheet
951Kb / 18P
Monolithic Digital Stereo FM Transmitter Radio-Station-on-a-Chip?
logo
NXP Semiconductors
TEA5760UK NXP-TEA5760UK Datasheet
220Kb / 37P
Single chip FM stereo radio
Rev. 01-14 December 2006
logo
Texas Instruments
SN761634 TI1-SN761634_13 Datasheet
273Kb / 20P
FM STEREO TRANSMITTER
logo
List of Unclassifed Man...
KT0803L ETC2-KT0803L Datasheet
743Kb / 23P
Monolithic Digital Stereo FM Transmitter Radio-Station-on-a-Chip
KT0830EG ETC-KT0830EG Datasheet
912Kb / 21P
Stereo FM Receiver Radio-on-a-Chip™
Rev. 1.2
logo
Beken Corporation
BK1085 BEKEN-BK1085 Datasheet
1Mb / 20P
FM STEREO TRANSMITTER
Rev.1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com