Electronic Components Datasheet Search
  English  ▼

X  

KT0806L Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # KT0806L
Description  Monolithic Digital Stereo FM Transmitter Radio-Station-on-a-Chip™
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KT0806L Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button KT0806L Datasheet HTML 3Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 4Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 5Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 6Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 7Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 8Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 9Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 10Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Copyright
©2010, KT Micro, Inc.
7
KT0806L
5 Register Bank
The register bank stores channel frequency codes, calibration parameters, operation status, mode and power
controls, which can be accessed by the internal digital controller, state machines and external micro
controllers through the serial interface.
All registers are 8 bits wide. Control logics are active high unless specifically noted.
Register
7
6
5
4
3
2
1
0
0x00
CHSEL[8:1]
0x01
RFGAIN[1:0]
PGA[2:0]
CHSEL[11:9]
0x02
CHSEL[0]
RFGAIN[3]
-
-
MUTE
PLTADJ
-
PHTCNST
0x04
ALC_EN
MONO
PGA_LSB[1:0]
-
-
0x0B
Standby
-
PDPA
-
-
AUTO_PA
DN
-
-
0x0C
ALC_DECAY_TIME[3:0]
ALC_ATTACK_TIME[3:0]
0x0E
-
-
-
-
-
-
PA_BIAS
-
0x0F
-
-
-
PW_OK
-
SLNCID
-
-
0x10
-
-
-
-
-
-
PGAMOD
0x12
SLNCDIS
SLNCTHL[2:0]
SLNCTHH[2:0]
SW_MOD
0x13
RFGAIN[2]
-
-
-
-
PA_CTRL
-
-
0x14
SLNCTIME[2:0]
SLNCCNTHIGH[2:0]
-
SLNCTIM
E[3]
0x15
ALCCMPGAIN[2:0]
0x16
-
-
-
SLNCCNTLOW[2:0]
0x17
-
FDEV
AU_ENHA
NCE
XTAL_SE
L
0x1E
DCLK
XTALD
REF_CLK[3:0]
0x26
ALCHOLD[2:0]
ALCHIGHTH[2:0]
0x27
ALCLOWTH[3:0]
Note 1: ONLY read/write the defined registers.
Note 2: Shaded registers are used in KT0806.
5.1 Register 0x00 (Address: 0x00, Default value: 0x5C)
Bit
7
6
5
4
3
2
1
0
KT0806L
CHSEL[8:1]
Please note that the default channel of KT0806L is 86MHz instead of 89.7MHz in KT0806
CHSEL[11:0] = Dec2Bin (Target frequency in MHz x 20),
where CHSEL[11:0] = Reg0x1[2:0]:Reg0x0[7:0]:Reg0x2[7]
5.2 Register 0x01 (Address: 0x01, Default value: 0xC3)
Bit
7
6
5
4
3
2
1
0
KT0806L
RFGAIN[1:0]
PGA[2:0]
CHSEL[11:9]
Bits
Type
Default
Label
Description
7:6
RW
11
RFGAIN[1:0]
Transmission Range Adjustment with RFGAIN[3] in
Reg 0x02[6] and RFGAIN[2] in Reg 0x13[7] (See
Table 4 below)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com