Electronic Components Datasheet Search
  English  ▼

X  

KT0806L Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # KT0806L
Description  Monolithic Digital Stereo FM Transmitter Radio-Station-on-a-Chip™
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KT0806L Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button KT0806L Datasheet HTML 4Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 5Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 6Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 7Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 8Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 9Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 10Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 11Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Copyright
©2010, KT Micro, Inc.
8
KT0806L
Bits
Type
Default
Label
Description
5:3
RW
000
PGA[2:0]
PGA Gain Control (see PGA_LSB description, Reg
0x04)
111: 12dB
110: 8dB
101: 4dB
100: 0dB
000: 0dB
001: -4dB
010: -8dB
011: -12dB
2:0
RW
011
CHSEL[11:9]
FM Channel Selection[11:9]
Table 4: Transmission power setting
RFGAIN[3:0]
RFOUT
0000
95.5 dBuV
0001
96.5 dBuV
0010
97.5 dBuV
0011
98.2 dBuV
0100
98.9 dBuV
0101
100 dBuV
0110
101.5 dBuV
0111
102.8 dBuV
1000
105.1 dBuV (107.2dBuV PA_BIAS=1)
1001
105.6 dBuV (108dBuV, PA_BIAS=1)
1010
106.2 dBuV (108.7dBuV, PA_BIAS=1)
1011
106.5 dBuV (109.5dBuV, PA_BIAS=1)
1100
107 dBuV (110.3dBuV, PA_BIAS=1)
1101
107.4 dBuV (111dBuV, PA_BIAS=1)
1110
107.7 dBuV (111.7dBuV, PA_BIAS=1)
1111 (default setting)
108 dBuV (112.5dBuV, PA_BIAS=1)
5.3 Register 0x02 (Address: 0x02, Default: 0x40)
Bit
7
6
5
4
3
2
KT0806L
CHSEL[0]
RFGAIN[3]
-
-
MUTE
PLTADJ
Bits
Type
Default
Label
Description
7
RW
0
CHSEL[0]
LSB of CHSEL
6
RW
1
RFGAIN[3]
MSB of RFGAIN
5:4
RW
00
Reserved
Reserved
3
RW
0
MUTE
Software Mute
0: MUTE Disabled
1: MUTE Enabled
2
RW
0
PLTADJ
Pilot Tone Amplitude Adjustment
0: Amplitude low
1: Amplitude high
1
RW
0
Reserved
Reserved
0
RW
0
PHTCNST
Pre-emphasis Time-Constant Set
0: 75 μs (USA, Japan)
1: 50 μs (Europe, Australia)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com