Electronic Components Datasheet Search
  English  ▼

X  

KT0806L Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # KT0806L
Description  Monolithic Digital Stereo FM Transmitter Radio-Station-on-a-Chip™
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KT0806L Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button KT0806L Datasheet HTML 9Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 10Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 11Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 12Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 13Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 14Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 15Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 16Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Copyright
©2010, KT Micro, Inc.
13
KT0806L
Bits
Type
Default
Label
Description
2
RW
0
PA_CTRL
Power amplifier structure selection
0 = Internal power supply
1 = External power supply via external inductor
Note : When an external inductor is used, this bit
must be set to 1 immediately after the Power OK
indicator Reg 0x0F[4] is set to 1. Otherwise, the
device may be destroyed!
1:0
RW
00
Reserved
Reserved
5.12 Register 0x14 (Address: 0x14, default 0x00)
Bit
7
6
5
4
3
2
1
0
KT0806L
SLNCTIME[2:0]
SLNCCNTHIGH[2:0]
-
SLNC_TIME[3]
KT0806
SLNCTIME[2:0]
SLNCCNTHIGH[2:0]
-
-
Bits
Type
Default
Label
Description
7:5
RW
000
SLNCTIME[2:0]
Silence Detection Low Level and High Level
Duration Time
000 : 50ms (16s if SLNCTIME[3] = 1)
001 : 100ms (24s if SLNCTIME[3] = 1)
010 : 200ms (32s if SLNCTIME[3] = 1)
011 : 400ms (40s if SLNCTIME[3] = 1)
100 : 1s
(48s if SLNCTIME[3] = 1)
101 : 2s
(56s if SLNCTIME[3] = 1)
110 : 4s
(60s if SLNCTIME[3] = 1)
111 : 8s
(64s if SLNCTIME[3] = 1)
4:2
RW
000
SLNCCNTHIGH[2:0] Silence Detection High Level Counter Threshold
000 : 15
001 : 31
010 : 63
011 : 127
100 : 255
101 : 511
110 : 1023
111 : 2047
1
RW
0
Reserved
Reserved
0
RW
0
SLNCTIME[3]
Silence Detection Long Duration Time Enable
0 = Short duration time enable
1 = Long duration time enable
5.13 Register 0x15 (Address 0x15, default: 0xE0) - New
Bit
7
6
5
4
3
2
1
0
KT0806L
ALCCMPGAIN[2:0]
-
-
-
KT0806
-
-
-
Bits
Type
Default
Label
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com