Electronic Components Datasheet Search
  English  ▼

X  

KT0806L Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # KT0806L
Description  Monolithic Digital Stereo FM Transmitter Radio-Station-on-a-Chip™
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KT0806L Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button KT0806L Datasheet HTML 5Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 6Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 7Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 8Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 9Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 10Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 11Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 12Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Copyright
©2010, KT Micro, Inc.
9
KT0806L
5.4 Register 0x04 (Address: 0x04, Default: 0x04)
Bit
7
6
5
4
3
2
1
0
KT0806L
ALC_EN
MONO
PGA_LSB[1:0]
-
-
KT0806
-
MONO
PGA_LSB[1:0]
FDEV[1:0]
BASS[1:0]
Bits
Type
Default
Label
Description
7
RW
0
ALC_EN
Automatic Level Control Enable Control
0 = Disable ALC
1 = Enable ALC
6
RW
0
MONO
Force MONO
0 = Stereo
1 = Mono
5:4
RW
00
PGA_LSB[1:0]
PGA[2:0]
PGA_LSB[1:0]
PGA Gain
111
11
12dB
111
10
11
111
01
10
111
00
9
110
11
8
110
10
7
110
01
6
110
00
5
101
11
4
101
10
3
101
01
2
101
00
1
100
11
0
100
10
0
100
01
0
100
00
0
000
00
0
000
01
-1
000
10
-2
000
11
-3
001
00
-4
001
01
-5
001
10
-6
001
11
-7
010
00
-8
010
01
-9
010
10
-10
010
11
-11
011
00
-12
011
01
-13
011
10
-14
011
11
-15
3:2
RW
01
Reserved
Reserved
1:0
RW
00
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com