Electronic Components Datasheet Search
  English  ▼

X  

KT0806L Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # KT0806L
Description  Monolithic Digital Stereo FM Transmitter Radio-Station-on-a-Chip™
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KT0806L Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button KT0806L Datasheet HTML 8Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 9Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 10Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 11Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 12Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 13Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 14Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 15Page - List of Unclassifed Manufacturers KT0806L Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Copyright
©2010, KT Micro, Inc.
12
KT0806L
Bits
Type
Default
Label
Description
7:5
RW
101
Reserved
Reserved
4:3
RW
01
Reserved
Reserved
2:1
RW
00
Reserved
Reserved
0
RW
0
PGAMOD
PGA Mode Selection
0 = 4dB step
1 = 1dB step with PGA_LSB[1:0 ] used
5.10 Register 0x12 (Address: 0x12, Default: 0x80)
Bit
7
6
5
4
3
2
1
0
KT0806L
SLNCDIS
SLNCTHL[2:0]
SLNCTHH[2:0]
SW_MOD
Bits
Type
Default
Label
Description
7
RW
1
SLNCDIS
Silence Detection Disable
0 : Enable
1 : Disable
6:4
RW
000
SLNCTHL
Silence Detection Low Threshold
000 : 0.25mv
001 : 0.5mv
010 : 1mv
011 : 2mv
100 : 4mv
101 : 8mv
110 : 16mv
111 : 32mv
3:1
RW
000
SLNCTHH
Silence Detection High Threshold
000 : 0.5mv
001 : 1mv
010 : 2mv
011 : 4mv
100 : 8mv
101 : 16mv
110 : 32mv
111 : 64mv
0
RW
0
SW_MOD
Switching Channel Mode Selection.
0 = Mute when changing channel
1 = PA off when changing channel
5.11 Register 0x13 (Address: 0x13, Default: 0x80)
Bit
7
6
5
4
3
2
1
0
KT0806L
RFGAIN[2]
-
-
PA_CTRL
-
-
Bits
Type
Default
Label
Description
7
RW
1
RFGAIN[2]
PA (Power amplifier) power (combined with Reg
0x01[7:6] and Reg 0x02[6])to set up transmission
range)
6:3
RW
0000
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com