Electronic Components Datasheet Search
  English  ▼

X  

AS5116 Datasheet(PDF) 6 Page - ams AG

Part # AS5116
Description  On-Axis Magnetic Position Sensor with Analog Sine-Cosine Outputs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5116 Datasheet(HTML) 6 Page - ams AG

Back Button AS5116 Datasheet HTML 2Page - ams AG AS5116 Datasheet HTML 3Page - ams AG AS5116 Datasheet HTML 4Page - ams AG AS5116 Datasheet HTML 5Page - ams AG AS5116 Datasheet HTML 6Page - ams AG AS5116 Datasheet HTML 7Page - ams AG AS5116 Datasheet HTML 8Page - ams AG AS5116 Datasheet HTML 9Page - ams AG AS5116 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Document Feedback
AS5116
Pin Assignment
Datasheet
• PUBLIC
DS000686
• v4-00 • 2022-Feb-18
34
│ 6
3
Pin Assignment
3.1
Pin Diagram AS5116
Figure 3:
Pin Diagram of AS5116 in SOIC8 Package
3.2
Pin Description AS5116
Figure 4:
Pin Description of AS5116 in SOIC8 Package
Pin Number
Pin Name
Pin Type
Description
1
SINP
Analog Out
Buffered sine channel, positive output
2
SINN
CM_SIN
Analog Out
Buffered sine cannel, inverted output (default).
Common mode level for sine channel (optional).
3
VSS
Supply
Common ground
4
VDD5
Supply
Supply voltage
5
VDD3
Analog Out
On chip low-dropout regulator output voltage. Requires
an external 1 µF decoupling capacitor
6
UART
DIAG
Digital I/O
Digital Out
Communication Pin for OTP programming (default).
Diagnostic output for on-chip diagnostic functions.
This pin always has to be tied to VDD5 with the pull up
resistor Rpu.
7
COSN
CM_COS
Analog Out
Buffered cosine channel, inverted output (default).
Common mode level for cosine channel (optional).
8
COSP
Analog Out
Buffered cosine channel, positive output
2
3
4
5
6
7
8
1
SINN
CM_SIN
VSS
VDD5
SINP
VDD3
UART
DIAG
COSN
CM_COS
COSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com