Electronic Components Datasheet Search
  English  ▼

X  

AS5116 Datasheet(PDF) 28 Page - ams AG

Part # AS5116
Description  On-Axis Magnetic Position Sensor with Analog Sine-Cosine Outputs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5116 Datasheet(HTML) 28 Page - ams AG

Back Button AS5116 Datasheet HTML 24Page - ams AG AS5116 Datasheet HTML 25Page - ams AG AS5116 Datasheet HTML 26Page - ams AG AS5116 Datasheet HTML 27Page - ams AG AS5116 Datasheet HTML 28Page - ams AG AS5116 Datasheet HTML 29Page - ams AG AS5116 Datasheet HTML 30Page - ams AG AS5116 Datasheet HTML 31Page - ams AG AS5116 Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
Document Feedback
AS5116
Preconfigured Versions
Datasheet
• PUBLIC
DS000686
• v4-00 • 2022-Feb-18
34
│ 28
Figure 34:
AS5116A
– Wiring Diagram, Single Ended Output Mode
(1)
C1=C2=C3=C3=C4=Cout
(2)
Parameters for Cout and Rpu are described in chapter “Electrical Characteristics”
11.2
AS5116B
AS5116B is configured in Differential mode. A fixed gain configuration of 31.5 mV/mT is chosen
(Gain_Code 12). OTP Diagnostic and internal ECC check are enabled and show the actual status on
UART/DIAG pin.
Figure 35:
AS5116B
– Register Settings
Gain_Code
CONFIG2 <1:5>
DIAG_EN
CONFIG2 <0>
VCM_Level
CONFIG1 <3>
CM_COS, CM_SIN
CONFIG1 <5:6>
INVERT_CH
CONFIG1 <7>
12
– 31.5 mV/mT
Enabled
2.125 V
Disabled
Disabled
Controller Unit
CM_SIN
VSS
VDD5
SINP
VDD3
DIAG
AS5116
C4
C3
C2
C1
C5
C6
CM_COS
COSP
SINP
DIAG
VDD5
4.5 – 5.5 V
GND
in
Angle
Calcualation
100 nF
1 µF
ADC IN1
ADC IN2
ADC IN3
ADC IN4
GND
Recommended
CM_SIN
COSP
CM_COS
Rpu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com