Electronic Components Datasheet Search
  English  ▼

X  

AS5116 Datasheet(PDF) 27 Page - ams AG

Part # AS5116
Description  On-Axis Magnetic Position Sensor with Analog Sine-Cosine Outputs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5116 Datasheet(HTML) 27 Page - ams AG

Back Button AS5116 Datasheet HTML 23Page - ams AG AS5116 Datasheet HTML 24Page - ams AG AS5116 Datasheet HTML 25Page - ams AG AS5116 Datasheet HTML 26Page - ams AG AS5116 Datasheet HTML 27Page - ams AG AS5116 Datasheet HTML 28Page - ams AG AS5116 Datasheet HTML 29Page - ams AG AS5116 Datasheet HTML 30Page - ams AG AS5116 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
Document Feedback
AS5116
Preconfigured Versions
Datasheet
• PUBLIC
DS000686
• v4-00 • 2022-Feb-18
34
│ 27
11
Preconfigured Versions
Beside the fully flexible AS5116 version, further preconfigured variants with fixed CONFIG Register
settings are available. By using an already programmed AS5116, no further OTP configuration of the
sensor is possible.
11.1
AS5116A
AS5116A is configured in Single-Ended mode. SINN and COSN outputs represent the common mode
voltage. A fixed gain configuration of 31.5 mV/mT is chosen (Gain_Code 12). OTP Diagnostic and
internal ECC check are enabled and show the actual status on UART/DIAG pin.
Figure 32:
AS5116A
– Register Settings
Gain_Code
CONFIG2 <1:5>
DIAG_EN
CONFIG2 <0>
VCM_Level
CONFIG1 <3>
CM_COS, CM_SIN
CONFIG1 <5:6>
INVERT_CH
CONFIG1 <7>
12
– 31.5 mV/mT
Enabled
2.125 V
Enabled
Disabled
Figure 33:
AS5116A
– Output Behavior
2π
180°
360°
90°
270°
VCM
Angle Position
SINP
CM_SIN
COSP
CM_COS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com