Electronic Components Datasheet Search
  English  ▼

X  

AS5116 Datasheet(PDF) 8 Page - ams AG

Part # AS5116
Description  On-Axis Magnetic Position Sensor with Analog Sine-Cosine Outputs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5116 Datasheet(HTML) 8 Page - ams AG

Back Button AS5116 Datasheet HTML 4Page - ams AG AS5116 Datasheet HTML 5Page - ams AG AS5116 Datasheet HTML 6Page - ams AG AS5116 Datasheet HTML 7Page - ams AG AS5116 Datasheet HTML 8Page - ams AG AS5116 Datasheet HTML 9Page - ams AG AS5116 Datasheet HTML 10Page - ams AG AS5116 Datasheet HTML 11Page - ams AG AS5116 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Document Feedback
AS5116
Electrical Characteristics
Datasheet
• PUBLIC
DS000686
• v4-00 • 2022-Feb-18
34
│ 8
5
Electrical Characteristics
All limits are guaranteed over the operating temperature range (-40°C to 150°C) and lifetime, unless
otherwise noticed. The parameters with Min and Max values are guaranteed with production tests or
SQC (Statistical Quality Control) methods.
Figure 6:
Electrical Characteristics of AS5116
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Operating Conditions
VDD5
Positive Supply Voltage
5.0 V operation mode
4.5
5.0
5.5
V
VDD3
Positive Supply Voltage in
3V3 Mode
3.3 V operation mode,
LDO shorted
3.0
3.3
3.6
V
VDDBURN
Positive Supply Voltage
Supply voltage required
for programming in 3V3
operation
3.3
3.5
V
VREG
Regulated Voltage
Voltage at Vreg if sensor
is in 5 V operation mode
3.2
3.4
3.6
V
VSS
Negative Supply Voltage
0
0
V
IDD
Supply Current
Depends on gain setting
17
mA
TPOWER_ON
Power Up Time
10
ms
Input Parameter
BIN
Limit for Target Bz Peak
Field
At the Hall element
position inside the sensor
10
100
mT
VMAX
Maximum Rotation Speed
-30000
30000
RPM
Output Parameter
VOUT
Analog Output Voltage
Amplitude Limits
GND +
0.25
VDD
–
0.5
V
VCM1
Output Common Mode Level
Default level
1.275
1.375
1.475
V
VCM2
Output Common Mode Level
1.975
2.125
2.275
V
IOUT
Analog Output Load Current
-1
1
mA
CLOAD
Analog Output Capacitive
Load
10
nF
Digital IO Parameter - DIAG
V_IH
High Level Input Voltage
UART mode enabled
(default)
0.7 *
VDD5
V
V_IL
Low Level Input Voltage
UART mode enabled
(default)
0.3 *
VDD5
V
V_OH
High Level Output Voltage
VDD5 -
0.5
V
V_OL
Low Level Output Voltage
VSS +
0.4
V
C_L
Capacitive Load
50
pF
I_OUT_5V
Output Current 5V Operation
4
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com