Electronic Components Datasheet Search
  English  ▼

X  

AS5116 Datasheet(PDF) 20 Page - ams AG

Part # AS5116
Description  On-Axis Magnetic Position Sensor with Analog Sine-Cosine Outputs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5116 Datasheet(HTML) 20 Page - ams AG

Back Button AS5116 Datasheet HTML 16Page - ams AG AS5116 Datasheet HTML 17Page - ams AG AS5116 Datasheet HTML 18Page - ams AG AS5116 Datasheet HTML 19Page - ams AG AS5116 Datasheet HTML 20Page - ams AG AS5116 Datasheet HTML 21Page - ams AG AS5116 Datasheet HTML 22Page - ams AG AS5116 Datasheet HTML 23Page - ams AG AS5116 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
Document Feedback
AS5116
Digital Interface
– UART
Datasheet
• PUBLIC
DS000686
• v4-00 • 2022-Feb-18
34
│ 20
7.1.8
ECC Register
– 0x1B
Within ECC (Error-Correction Code) register, the ECC function is configured and enabled.
Figure 25:
ECC Register
Bit Position
Bit Name
Default
Description
0:6
ECC_Chsum
0
ECC checksum programmed by user
7
ECC_EN
0
Enables ECC function
Figure 26:
ECC CHECKSUM
Bit Position
Bit Name
Default
Description
0:6
ECC_Chsum_calc
0
Internal calculated ECC checksum
Figure 27:
ECC STATUS
Bit Position
Bit Name
Default
Description
0
ECC_EN_after_check
0
ECC_EN after error correction
1:2
ECC_Error
0
ECC Error code:
0: P2RAM bytes in customer area are correct (or ECC_EN = 0)
1: Single bit error in P2RAM. P2RAM output corrected by ECC
function
2: Two or more bits are defect in P2RAM block. No correction
possible - major system error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com