Electronic Components Datasheet Search
  English  ▼

X  

AS5116 Datasheet(PDF) 11 Page - ams AG

Part # AS5116
Description  On-Axis Magnetic Position Sensor with Analog Sine-Cosine Outputs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5116 Datasheet(HTML) 11 Page - ams AG

Back Button AS5116 Datasheet HTML 7Page - ams AG AS5116 Datasheet HTML 8Page - ams AG AS5116 Datasheet HTML 9Page - ams AG AS5116 Datasheet HTML 10Page - ams AG AS5116 Datasheet HTML 11Page - ams AG AS5116 Datasheet HTML 12Page - ams AG AS5116 Datasheet HTML 13Page - ams AG AS5116 Datasheet HTML 14Page - ams AG AS5116 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
Document Feedback
AS5116
Functional Description
Datasheet
• PUBLIC
DS000686
• v4-00 • 2022-Feb-18
34
│ 11
6
Functional Description
The Hall-based magnetic position sensor, uses an array of planar sensors that convert the magnetic
field component Bz perpendicular to the surface of the chip into a voltage. The signals coming from
the Hall sensors are amplified, filtered and buffered before the information is available as sine and
cosine voltages on the output. Gain respectively sensitivity of the complete signal path, can be defined
by programming the Gain_Code in CONFIG2 register. The sensor is as well programmable to provide
a full differential or single ended signal on the output.
Settings are in system programmable through an UART single wire interface. For achieving a high
ASIL in the application, the sensor is fully supporting the ISO26262 implementation process (Detailed
information on request).
6.1
IC Power Management
The AS5116 can be either powered from a 5.0 V supply using the on-chip low-dropout regulator (LDO)
or from a 3.3 V voltage supply. The LDO (low-dropout) regulator is not intended to power any other
loads, and it needs a 1
μF capacitor to ground located close for decoupling as shown Figure 8.
In 3V3 operation, VDD and VREG tied together.
Figure 8:
Pin Configuration in 5 V Operation Mode
Figure 9:
Pin Configuration in 3V3 Operation Mode
SINN
VSS
VDD5
SINP
VDD3
UART
COSN
COSP
AS5116
LDO
4.5 – 5.5 V
100 nF
1 µF
SINN
VSS
VDD5
SINP
VDD3
UART
COSN
COSP
AS5116
LDO
3.0 – 3.6 V
100 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com