Electronic Components Datasheet Search
  English  ▼

X  

AS5116 Datasheet(PDF) 7 Page - ams AG

Part # AS5116
Description  On-Axis Magnetic Position Sensor with Analog Sine-Cosine Outputs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5116 Datasheet(HTML) 7 Page - ams AG

Back Button AS5116 Datasheet HTML 3Page - ams AG AS5116 Datasheet HTML 4Page - ams AG AS5116 Datasheet HTML 5Page - ams AG AS5116 Datasheet HTML 6Page - ams AG AS5116 Datasheet HTML 7Page - ams AG AS5116 Datasheet HTML 8Page - ams AG AS5116 Datasheet HTML 9Page - ams AG AS5116 Datasheet HTML 10Page - ams AG AS5116 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
Document Feedback
AS5116
Absolute Maximum Ratings
Datasheet
• PUBLIC
DS000686
• v4-00 • 2022-Feb-18
34
│ 7
4
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only. Functional operation of the device at these or any other
conditi
ons beyond those indicated under “Operating Conditions” is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Figure 5:
Absolute Maximum Ratings of AS5116
Symbol
Parameter
Min
Max
Unit
Comments
Electrical Parameters
VDD5
DC Voltage at VDD5 pin
-0.3
7
V
VREG
DC Voltage at VDD3 pin
-0.3
5
V
VSS
DC Voltage at VSS pin
-0.3
0.3
V
VIN
Input Pin Voltage to Ground
-0.3
VDD5 +
0.3
V
ISCR
Input Current (latch-up immunity)
± 100
mA
AEC-Q100-004
Continuous Power Dissipation
PT
Total Power Dissipation
150
mW
Electrostatic Discharge
ESDHBM
Electrostatic Discharge HBM
± 2000
V
AEC-Q100-002
ESDCDM
Electrostatic Discharge CDM
± 500
V
AEC-Q100-011
Temperature Ranges and Storage Conditions
TA
Operating Ambient Temperature
-40
150
°C
TJ
Operating Junction Temperature
165
°C
TA_PROG
Ambient Temperature during OTP
Programming
0
45
°C
TSTRG
Storage Temperature Range
- 55
150
°C
TBODY
Package Body Temperature
260
°C
IPC/JEDEC J-STD-020 (1)
RHNC
Relative Humidity (non-condensing)
5
85
%
MSL
Moisture Sensitivity Level
3
Represents a maximum
floor lifetime of 168 h
Temperature Soldering
TPEAK
Peak Temperature
260
°C
IPC/JEDEC J-STD-020
tWELL
Well Time above 217 °C
30
45
s
(1)
The reflow peak soldering temperature (body temperature) is specified according to IPC/JEDEC J-STD-020
“Moisture/Reflow Sensitivity Classification for Nonhermetic Solid State Surface Mount Devices.” The lead finish for
Pb-
free leaded packages is “Matte Tin” (100 % Sn)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com