Electronic Components Datasheet Search
  English  ▼

X  

AS5116 Datasheet(PDF) 30 Page - ams AG

Part # AS5116
Description  On-Axis Magnetic Position Sensor with Analog Sine-Cosine Outputs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5116 Datasheet(HTML) 30 Page - ams AG

Back Button AS5116 Datasheet HTML 26Page - ams AG AS5116 Datasheet HTML 27Page - ams AG AS5116 Datasheet HTML 28Page - ams AG AS5116 Datasheet HTML 29Page - ams AG AS5116 Datasheet HTML 30Page - ams AG AS5116 Datasheet HTML 31Page - ams AG AS5116 Datasheet HTML 32Page - ams AG AS5116 Datasheet HTML 33Page - ams AG AS5116 Datasheet HTML 34Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
Document Feedback
AS5116
Package Drawings & Markings
Datasheet
• PUBLIC
DS000686
• v4-00 • 2022-Feb-18
34
│ 30
12
Package Drawings & Markings
Figure 38:
SOIC8 Package Outline Drawing
Ref.
Min
Nom
Max
A
-
-
1.75
A1
0.10
-
0.25
A2
1.25
-
-
b
0.31
-
0.51
c
0.17
-
0.25
D
4.90 BSC
E
6.00 BSC
E1
3.90 BSC
e
1.27 BSC
L
0.40
-
1.27
L1
1.04 REF
L2
0.25 BSC
R
0.07
-
-
R1
0.07
-
-
h
0.25
-
0.50
0°
-
8°
2
5°
-
15°
3
0°
-
-
aaa
-
0.10
-
bbb
-
0.20
-
ccc
-
0.10
-
ddd
-
0.25
-
eee
-
0.10
-
fff
-
0.15
-
ggg
-
0.15
-
N
8
(1)
All dimensions are in millimeters (angles in degrees).
(2)
Dimensioning and tolerances conform to ASME Y14.5M-1994.
(3)
N is the total number of terminals.
(4)
Datum A&B to be determined by datum H.
(5)
This package contains no lead (Pb).
(6)
This drawing is subject to change without notice.
RoHS
Green



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com