Electronic Components Datasheet Search
  English  ▼

X  

AS5116 Datasheet(PDF) 23 Page - ams AG

Part # AS5116
Description  On-Axis Magnetic Position Sensor with Analog Sine-Cosine Outputs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5116 Datasheet(HTML) 23 Page - ams AG

Back Button AS5116 Datasheet HTML 19Page - ams AG AS5116 Datasheet HTML 20Page - ams AG AS5116 Datasheet HTML 21Page - ams AG AS5116 Datasheet HTML 22Page - ams AG AS5116 Datasheet HTML 23Page - ams AG AS5116 Datasheet HTML 24Page - ams AG AS5116 Datasheet HTML 25Page - ams AG AS5116 Datasheet HTML 26Page - ams AG AS5116 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
Document Feedback
AS5116
Application Information
Datasheet
• PUBLIC
DS000686
• v4-00 • 2022-Feb-18
34
│ 23
9.2
Single Ended Mode
In single-ended configuration, all voltage measurements are reverenced to VSS level. For safety
reasons, it is recommended to check as well the levels of CM_SIN and CM_COS with separate analog
inputs. The measured common mode voltages should be used to calculate the differential sine/cosine
values. Otherwise, the signal common mode level has to be determined in the controller based on one
sine/cosine period. To improve the angle accuracy, a one-time end of line calibration of offset and gain
error is recommended before calculating the angle position.
9.2.1
Minimum Wiring Diagram
Figure 29:
AS5116 Minimum Wiring Diagram, Single Ended Output Mode
(1)
C1=C2=C3=C3=C4=Cout
(2)
Parameters for Cout and Rpu are described in chapter “Electrical Characteristics”
9.2.2
Output Amplitude Calculation
The output amplitude of sine and cosine signals are directly proportional to the selected GAIN setting
and the Bz-Field of the available target magnet. Following equations explain how the calculation is
done based on a typical example. Using that approach, a very convenient estimation of the output
amplitudes is possible.
Controller Unit
CM_SIN
VSS
VDD5
SINP
VDD3
UART
AS5116
C4
C3
C2
C1
C5
C6
CM_COS
COSP
SINP
UART
VDD5
4.5 – 5.5 V
GND
in/out
Angle
Calcualation
100 nF
1 µF
ADC IN1
ADC IN2
ADC IN3
ADC IN4
GND
Recommended
CM_SIN
COSP
CM_COS
Rpu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com