Electronic Components Datasheet Search
  English  ▼

X  

AS5116 Datasheet(PDF) 17 Page - ams AG

Part # AS5116
Description  On-Axis Magnetic Position Sensor with Analog Sine-Cosine Outputs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5116 Datasheet(HTML) 17 Page - ams AG

Back Button AS5116 Datasheet HTML 13Page - ams AG AS5116 Datasheet HTML 14Page - ams AG AS5116 Datasheet HTML 15Page - ams AG AS5116 Datasheet HTML 16Page - ams AG AS5116 Datasheet HTML 17Page - ams AG AS5116 Datasheet HTML 18Page - ams AG AS5116 Datasheet HTML 19Page - ams AG AS5116 Datasheet HTML 20Page - ams AG AS5116 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
Document Feedback
AS5116
Digital Interface
– UART
Datasheet
• PUBLIC
DS000686
• v4-00 • 2022-Feb-18
34
│ 17
7.1
Register Description
The table below shows all accessible digital registers implemented in the AS5116 sensor.
Figure 17:
Register Overview
Address
Name
Function
Default
Description
0x01
UART_ERROR
R
0x00
Indication of framing and parity
errors
0x03
P2RAM_CONTROL
R/W
0x00
P2RAM handling
0x16
CONFIG1
R/W/P
0x00
Configuration of output setting
0x17
CONFIG2
R/W/P
0x00
Configuration of gain and diagnostic
mode
0x18
CUST_CHIP_ID1
R/W/P
0x00
Spare bits for custom chip ID
0x19
CUST_CHIP_ID2
R/W/P
0x00
Spare bits for custom chip ID
0x1A
CUST_CHIP_ID3
R/W/P
0x00
Spare bits for custom chip ID
0x1B
ECC
R/W/P
0x00
Configuration of ECC function
0x50
ECC_CHECKSUM
R
0x00
Calculated ECC checksum based on
actual register settings
0x51
ECC_STATUS
R
0x00
Indicates actual ECC status if ECC
function is enabled
7.1.1
UART_ERROR Register
– 0x01
In the UART_ERROR Register problems during UART communication are indicated. Error bits are
sticky and clear on read.
UART_SYNC Bit indicates a problem with the synchronization frame. This is usually the case if the
Baudrate was not defined correctly. Baudrate window is defined from 1.1 kbit/s to 70 kbit/s.
UART_PARITY bit indicates a parity error during a UART-Write command. UART_FRAME bit
indicates an error, if after synchronization the UART line stays low for more than twice the usual
expected time (too long frame).
Figure 18:
UART_ERROR Register
– 0x01
Bit Position
Bit Name
Default
Description
0
UART_SYNC
0
UART synchronization error
1
UART_PARITY
0
UART parity error
2
UART_FRAME
0
UART frame too long error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com