Electronic Components Datasheet Search
  English  ▼

X  

X4643 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # X4643
Description  64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X4643 Datasheet(HTML) 3 Page - Renesas Technology Corp

  X4643 Datasheet HTML 1Page - Renesas Technology Corp X4643 Datasheet HTML 2Page - Renesas Technology Corp X4643 Datasheet HTML 3Page - Renesas Technology Corp X4643 Datasheet HTML 4Page - Renesas Technology Corp X4643 Datasheet HTML 5Page - Renesas Technology Corp X4643 Datasheet HTML 6Page - Renesas Technology Corp X4643 Datasheet HTML 7Page - Renesas Technology Corp X4643 Datasheet HTML 8Page - Renesas Technology Corp X4643 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
X4643, X4645
FN8123 Rev 0.00
Page 3 of 21
March 29, 2005
PRINCIPLES OF OPERATION
Power-On Reset
Application of power to the X4643/5 activates a Power-
on Reset Circuit that pulls the RESET/RESET pin active.
This signal provides several benefits.
– It prevents the system microprocessor from starting to
operate with insufficient voltage.
– It prevents the processor from operating prior to stabi-
lization of the oscillator.
– It allows time for an FPGA to download its configura-
tion prior to initialization of the circuit.
– It prevents communication to the EEPROM, greatly
reducing the likelihood of data corruption on power-up.
When VCC exceeds the device VTRIP threshold value for
200ms (nominal) the circuit releases RESET/RESET
allowing the system to begin operation.
LOW VOLTAGE MONITORING
During operation, the X4643/5 monitors the VCC level
and asserts RESET/RESET if supply voltage falls below
a preset minimum VTRIP. The RESET/RESET signal
prevents the microprocessor from operating in a power
fail or brownout condition. The RESET/RESET signal
remains active until the voltage drops below 1V. It also
remains active until VCC returns and exceeds VTRIP for
200ms.
WATCHDOG TIMER
The Watchdog Timer circuit monitors the microprocessor
activity by monitoring the SDA and SCL pins. The micro-
processor must toggle the SDA pin HIGH to LOW peri-
odically, while SCL is HIGH (this is a start bit) prior to the
expiration of the watchdog time out period to prevent a
RESET/RESET signal. The state of two nonvolatile con-
trol bits in the Status Register determine the watchdog
timer period. The microprocessor can change these
watchdog bits, or they may be “locked” by tying the WP
pin HIGH.
EEPROM INADVERTENT WRITE PROTECTION
When RESET/RESET goes active as a result of a low
voltage condition or Watchdog Timer Time Out, any in-
progress
communications
are
terminated.
While
RESET/RESET is active, no new communications are
allowed and no nonvolatile write operation can start.
Nonvolatile writes in-progress when RESET/RESET
goes active are allowed to finish.
Additional protection mechanisms are provided with
memory Block Lock and the Write Protect (WP) pin.
These are discussed elsewhere in this document.
VCC THRESHOLD RESET PROCEDURE
The X4643/5 is shipped with a standard VCC threshold
(VTRIP) voltage. This value will not change over normal
operating and storage conditions. However, in applica-
tions where the standard VTRIP is not exactly right, or if
higher precision is needed in the VTRIP value, the
X4643/5 threshold may be adjusted. The procedure is
described below, and uses the application of a nonvola-
tile control signal.
Figure 1. Set VTRIP Level Sequence (VCC = desired VTRIP values WEL bit set)
01 2 3 45 67
SCL
SDA
A0h
01 2 3 45 67
00h
WP
VP = 12-15V
01 2 3 45 67
01h
01 2 3 4 5 6 7
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com