Electronic Components Datasheet Search
  English  ▼

X  

X4643 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # X4643
Description  64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X4643 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button X4643 Datasheet HTML 8Page - Renesas Technology Corp X4643 Datasheet HTML 9Page - Renesas Technology Corp X4643 Datasheet HTML 10Page - Renesas Technology Corp X4643 Datasheet HTML 11Page - Renesas Technology Corp X4643 Datasheet HTML 12Page - Renesas Technology Corp X4643 Datasheet HTML 13Page - Renesas Technology Corp X4643 Datasheet HTML 14Page - Renesas Technology Corp X4643 Datasheet HTML 15Page - Renesas Technology Corp X4643 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
X4643, X4645
FN8123 Rev 0.00
Page 12 of 21
March 29, 2005
There is a similar operation, called “Set Current
Address” where the device does no operation, but enters
a new address into the address counter if a stop is
issued instead of the second start shown in Figure 13.
The device goes into standby mode after the stop and all
bus activity will be ignored until a start is detected. The
next Current Address Read operation reads from the
newly loaded address. This operation could be useful if
the master knows the next address it needs to read, but
is not ready for the data.
Sequential Read
Sequential reads can be initiated as either a current
address read or random address read. The first Data Byte
is transmitted as with the other modes; however, the mas-
ter now responds with an acknowledge, indicating it
requires additional data. The device continues to output
data for each acknowledge received. The master termi-
nates the read operation by not responding with an
acknowledge and then issuing a stop condition.
The data output is sequential, with the data from address n
followed by the data from address n + 1. The address
counter for read operations increments through all page
and column addresses, allowing the entire memory con-
tents to be serially read during one operation. At the end of
the address space the counter “rolls over” to address
0000H and the device continues to output data for each
acknowledge received. Refer to Figure 14 for the acknowl-
edge and data transfer sequence.
Figure 14. Sequential Read Sequence
X4643/5 Addressing
SLAVE ADDRESS BYTE
Following a start condition, the master must output a
Slave Address Byte. This byte consists of several parts:
– a device type identifier that is ‘1010’ to access the
array
– one bits of ‘0’.
– next two bits are the device address.
– one bit of the slave command byte is a R/W bit. The
R/W bit of the Slave Address Byte defines the opera-
tion to be performed. When the R/W bit is a one, then
a read operation is selected. A zero selects a write
operation. Refer to Figure 15.
– After loading the entire Slave Address Byte from the
SDA bus, the device compares the input slave byte
data to the proper slave byte. Upon a correct compare,
the device outputs an acknowledge on the SDA line.
Word Address
The word address is either supplied by the master or
obtained from an internal counter. The internal counter is
undefined on a power-up condition.
Data
(2)
S
t
o
p
Slave
Address
Data
(n)
A
C
K
A
C
K
SDA Bus
Signals from
the Slave
Signals from
the Master
1
Data
(n-1)
A
C
K
A
C
K
(n is any integer greater than 1)
Data
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com