Electronic Components Datasheet Search
  English  ▼

X  

X4643 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # X4643
Description  64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X4643 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button X4643 Datasheet HTML 5Page - Renesas Technology Corp X4643 Datasheet HTML 6Page - Renesas Technology Corp X4643 Datasheet HTML 7Page - Renesas Technology Corp X4643 Datasheet HTML 8Page - Renesas Technology Corp X4643 Datasheet HTML 9Page - Renesas Technology Corp X4643 Datasheet HTML 10Page - Renesas Technology Corp X4643 Datasheet HTML 11Page - Renesas Technology Corp X4643 Datasheet HTML 12Page - Renesas Technology Corp X4643 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
X4643, X4645
FN8123 Rev 0.00
Page 9 of 21
March 29, 2005
Serial Write Operations
BYTE WRITE
For a write operation, the device requires the Slave
Address Byte and a Word Address Byte. This gives the
master access to any one of the words in the array. After
receipt of the Word Address Byte, the device responds
with an acknowledge, and awaits the next eight bits of
data. After receiving the 8 bits of the Data Byte, the device
again responds with an acknowledge. The master then ter-
minates the transfer by generating a stop condition, at
which time the device begins the internal write cycle to the
nonvolatile memory. During this internal write cycle, the
device inputs are disabled, so the device will not respond to
any requests from the master. The SDA output is at high
impedance. See Figure 8.
Figure 8. Byte Write Sequence
A write to a protected block of memory will suppress the
acknowledge bit.
Page Write
The device is capable of a page write operation. It is initi-
ated in the same manner as the byte write operation; but
instead of terminating the write cycle after the first data
byte is transferred, the master can transmit an unlimited
number of 8-bit bytes. After the receipt of each byte, the
device will respond with an acknowledge, and the
address is internally incremented by one. The page
address remains constant. When the counter reaches
the end of the page, it “rolls over” and goes back to ‘0’ on
the same page. This means that the master can write
64-bytes to the page starting at any location on that
page. If the master begins writing at location 60, and
loads 12-bytes, then the first 4-bytes are written to loca-
tions 60 through 63, and the last 8-bytes are written to
locations 0 through 7. Afterwards, the address counter
would point to location 8 of the page that was just writ-
ten. If the master supplies more than 64-bytes of data,
then new data over-writes the previous data, one byte at
a time.
Figure 9. Page Write Operation
S
t
a
r
S
t
o
Slave
Word Address
Byte 0
Data
A
C
K
A
C
K
A
C
K
SDA Bus
Signals from
the Slave
Signals from
the Master
0
Word Address
Byte 1
A
C
K
0
1
0
1
S
t
a
r
S
t
o
Slave
Word Ad-
Data
A
C
A
C
A
C
SDA Bus
Signals from
the Slave
Signals from
the Master
0
Data
A
C
(1 < n < 64)
Word Ad-
A
C
1
0
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com