Electronic Components Datasheet Search
  English  ▼

X  

X4643 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # X4643
Description  64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X4643 Datasheet(HTML) 4 Page - Renesas Technology Corp

  X4643 Datasheet HTML 1Page - Renesas Technology Corp X4643 Datasheet HTML 2Page - Renesas Technology Corp X4643 Datasheet HTML 3Page - Renesas Technology Corp X4643 Datasheet HTML 4Page - Renesas Technology Corp X4643 Datasheet HTML 5Page - Renesas Technology Corp X4643 Datasheet HTML 6Page - Renesas Technology Corp X4643 Datasheet HTML 7Page - Renesas Technology Corp X4643 Datasheet HTML 8Page - Renesas Technology Corp X4643 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
X4643, X4645
FN8123 Rev 0.00
Page 4 of 21
March 29, 2005
Setting the VTRIP Voltage
This procedure is used to set the VTRIP to a higher or
lower voltage value. It is necessary to reset the trip point
before setting the new value.
To set the new VTRIP voltage, start by setting the WEL
bit in the control register, then apply the desired VTRIP
threshold voltage to the VCC pin and the programming
voltage, VP, to the WP pin and 2 byte address and 1 byte
of “00” data. The stop bit following a valid write operation
initiates the VTRIP programming sequence. Bring WP
LOW to complete the operation.
Resetting the VTRIP Voltage
This procedure is used to set the VTRIP to a “native” volt-
age level. For example, if the current VTRIP is 4.4V and
the new VTRIP must be 4.0V, then the VTRIP must be
reset. When VTRIP is reset, the new VTRIP is something
less than 1.7V. This procedure must be used to set the
voltage to a lower value.
To reset the new VTRIP voltage start by setting the WEL
bit in the control register, apply VCC and the program-
ming voltage, VP, to the WP pin and 2 byte address and
1 byte of “00” data. The stop bit of a valid write operation
initiates the VTRIP programming sequence. Bring WP
LOW to complete the operation.
Figure 2. Reset VTRIP Level Sequence (VCC > 3V. WP = 12-15V, WEL bit set)
Figure 3. Sample VTRIP Reset Circuit
01 2 3 45 67
SCL
SDA
A0h
01 2 3 45 67
00h
WP
VP = 12-15V
01 2 3 45 67
03h
01 2 3 4 5 6 7
00h
1
2
3
4
8
7
6
5
X4643
VTRIP
Adj.
VP
RESET
4.7K
SDA
SCL
µC
Adjust
Run
SOIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com