Electronic Components Datasheet Search
  English  ▼

X  

X4643 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # X4643
Description  64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X4643 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button X4643 Datasheet HTML 2Page - Renesas Technology Corp X4643 Datasheet HTML 3Page - Renesas Technology Corp X4643 Datasheet HTML 4Page - Renesas Technology Corp X4643 Datasheet HTML 5Page - Renesas Technology Corp X4643 Datasheet HTML 6Page - Renesas Technology Corp X4643 Datasheet HTML 7Page - Renesas Technology Corp X4643 Datasheet HTML 8Page - Renesas Technology Corp X4643 Datasheet HTML 9Page - Renesas Technology Corp X4643 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
X4643, X4645
FN8123 Rev 0.00
Page 6 of 21
March 29, 2005
The state of the Control Register can be read at any time
by performing a random read at address FFFFh. Only
one byte is read by each register read operation. The
X4643/5 resets itself after the first byte is read. The mas-
ter should supply a stop condition to be consistent with
the bus protocol, but a stop is not required to end this
operation.
BP2, BP1, BP0: Block Protect Bits (Nonvolatile)
The Block Protect Bits, BP2, BP1 and BP0, determine
which blocks of the array are write protected. A write to a
protected block of memory is ignored. The block protect
bits will prevent write operations to the following seg-
ments of the array.
RWEL: Register Write Enable Latch (Volatile)
The RWEL bit must be set to “1” prior to a write to the
Control Register.
WEL: Write Enable Latch (Volatile)
The WEL bit controls the access to the memory and to
the Register during a write operation. This bit is a volatile
latch that powers up in the LOW (disabled) state. While
the WEL bit is LOW, writes to any address, including any
control registers will be ignored (no acknowledge will be
issued after the Data Byte). The WEL bit is set by writing
a “1” to the WEL bit and zeroes to the other bits of the
control register. Once set, WEL remains set until either it
is reset to 0 (by writing a “0” to the WEL bit and zeroes to
the other bits of the control register) or until the part pow-
ers up again. Writes to the WEL bit do not cause a non-
volatile write cycle, so the device is ready for the next
operation immediately after the stop condition.
WD1, WD0: Watchdog Timer Bits
The bits WD1 and WD0 control the period of the Watch-
dog Timer. The options are shown below.
Write Protect Enable
These devices have an advanced block lock scheme that
protects one of five blocks of the array when enabled. It
provides hardware write protection through the use of a
WP pin and a nonvolatile Write Protect Enable (WPEN) bit.
The Write Protect (WP) pin and the Write Protect Enable
(WPEN) bit in the Control Register control the program-
mable Hardware Write Protect feature. Hardware Write
Protection is enabled when the WP pin and the WPEN
bit are HIGH and disabled when either the WP pin or the
WPEN bit is LOW. When the chip is Hardware Write Pro-
tected, nonvolatile writes to the block protected sections
in the memory array cannot be written and the block pro-
tect bits cannot be changed. Only the sections of the
memory array that are not block protected can be writ-
ten. Note that since the WPEN bit is write protected, it
cannot be changed back to a LOW state; so write pro-
tection is enabled as long as the WP pin is held HIGH.
Table 1. Write Protect Enable Bit and WP Pin Function
76
5
4
3
2
1
0
WPEN WD1 WD0 BP1 BP0 RWEL WEL BP2
Protected Addresses
(Size)
Array Lock
0
0
0
None (factory setting)
None
0
0
1
None
None
0
1
0
None
None
0
1
1 0000h - 1FFFh (8K bytes)
Full Array (All)
1
0
0
000h - 03Fh (64 bytes)
First Page (P1)
1
0
1
000h - 07Fh (128 bytes)
First 2 pgs (P2)
1
1
0
000h - 0FFh (256 bytes)
First 4 pgs (P4)
1
1
1
000h - 1FFh (512 bytes)
First 8 pgs (P8)
WD1
WD0
Watchdog Time Out Period
0
0
1.4 seconds
0
1
600 milliseconds
1
0
200 milliseconds
1
1
disabled (factory setting)
WP
WPEN
Memory Array not
Block Protected
Memory Array
Block Protected
Block Protect
Bits
WPEN Bit
Protection
LOW
X
Writes OK
Writes Blocked
Writes OK
Writes OK
Software
HIGH
0
Writes OK
Writes Blocked
Writes OK
Writes OK
Software
HIGH
1
Writes OK
Writes Blocked
Writes Blocked
Writes Blocked
Hardware



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com