Electronic Components Datasheet Search
  English  ▼

X  

X4643 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # X4643
Description  64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X4643 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button X4643 Datasheet HTML 6Page - Renesas Technology Corp X4643 Datasheet HTML 7Page - Renesas Technology Corp X4643 Datasheet HTML 8Page - Renesas Technology Corp X4643 Datasheet HTML 9Page - Renesas Technology Corp X4643 Datasheet HTML 10Page - Renesas Technology Corp X4643 Datasheet HTML 11Page - Renesas Technology Corp X4643 Datasheet HTML 12Page - Renesas Technology Corp X4643 Datasheet HTML 13Page - Renesas Technology Corp X4643 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
X4643, X4645
FN8123 Rev 0.00
Page 10 of 21
March 29, 2005
Figure 10. Writing 12 bytes to a 64-byte page starting at location 60.
The master terminates the Data Byte loading by issuing a
stop condition, which causes the device to begin the non-
volatile write cycle. As with the byte write operation, all
inputs are disabled until completion of the internal write
cycle. See Figure 9 for the address, acknowledge, and
data transfer sequence.
Stops and Write Modes
Stop conditions that terminate write operations must be
sent by the master after sending at least 1 full data byte
plus the subsequent ACK signal. If a stop is issued in the
middle of a data byte, or before 1 full data byte plus its
associated ACK is sent, then the device will reset itself
without performing the write. The contents of the array
will not be effected.
Acknowledge Polling
The disabling of the inputs during nonvolatile cycles can
be used to take advantage of the typical 5ms write cycle
time. Once the stop condition is issued to indicate the
end of the master’s byte load operation, the device initi-
ates the internal nonvolatile cycle. Acknowledge polling
can be initiated immediately. To do this, the master
issues a start condition followed by the Slave Address
Byte for a write or read operation. If the device is still
busy with the nonvolatile cycle then no ACK will be
returned. If the device has completed the write opera-
tion, an ACK will be returned and the host can then pro-
ceed with the read or write operation. Refer to the flow
chart in Figure 11.
Figure 11. Acknowledge Polling Sequence
Address
Address
60
4 Bytes
n-1
8 Bytes
Address
= 7
Address Pointer
Ends Here
Addr = 8
ACK
returned?
Issue Slave Address
Byte (Read or Write)
Byte load completed
by issuing STOP.
Enter ACK Polling
Issue STOP
Issue START
NO
YES
Nonvolatile Cycle
complete. Continue
command sequence?
Issue STOP
NO
Continue Normal
Read or Write
Command Sequence
PROCEED
YES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com