Electronic Components Datasheet Search
  English  ▼

X  

X4643 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # X4643
Description  64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X4643 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button X4643 Datasheet HTML 3Page - Renesas Technology Corp X4643 Datasheet HTML 4Page - Renesas Technology Corp X4643 Datasheet HTML 5Page - Renesas Technology Corp X4643 Datasheet HTML 6Page - Renesas Technology Corp X4643 Datasheet HTML 7Page - Renesas Technology Corp X4643 Datasheet HTML 8Page - Renesas Technology Corp X4643 Datasheet HTML 9Page - Renesas Technology Corp X4643 Datasheet HTML 10Page - Renesas Technology Corp X4643 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
X4643, X4645
FN8123 Rev 0.00
Page 7 of 21
March 29, 2005
Writing to the Control Register
Changing any of the nonvolatile bits of the control regis-
ter requires the following steps:
– Write a 02H to the Control Register to set the Write
Enable Latch (WEL). This is a volatile operation, so
there is no delay after the write. (Operation preceeded
by a start and ended with a stop).
– Write a 06H to the Control Register to set both the
Register Write Enable Latch (RWEL) and the WEL bit.
This is also a volatile cycle. The zeros in the data byte
are required. (Operation preceeded by a start and
ended with a stop).
– Write a value to the Control Register that has all the
control bits set to the desired state. This can be repre-
sented as 0xys t01r in binary, where xy are the WD
bits, and rst are the BP bits. (Operation preceeded by
a start and ended with a stop). Since this is a nonvola-
tile write cycle it will take up to 10ms to complete. The
RWEL bit is reset by this cycle and the sequence must
be repeated to change the nonvolatile bits again. If bit
2 is set to ‘1’ in this third step (0xys t11r) then the
RWEL bit is set, but the WD1, WD0, BP2, BP1 and
BP0 bits remain unchanged. Writing a second byte to
the control register is not allowed. Doing so aborts the
write operation and returns a NACK.
– A read operation occurring between any of the previ-
ous operations will not interrupt the register write
operation.
– The RWEL bit cannot be reset without writing to the
nonvolatile control bits in the control register, power
cycling the device or attempting a write to a write pro-
tected block.
To illustrate, a sequence of writes to the device consist-
ing of [02H, 06H, 02H] will reset all of the nonvolatile bits
in the Control Register to 0. A sequence of [02H, 06H,
06H] will leave the nonvolatile bits unchanged and the
RWEL bit remains set.
SERIAL INTERFACE
Serial Interface Conventions
The device supports a bidirectional bus oriented proto-
col. The protocol defines any device that sends data
onto the bus as a transmitter, and the receiving device
as the receiver. The device controlling the transfer is
called the master and the device being controlled is
called the slave. The master always initiates data trans-
fers, and provides the clock for both transmit and receive
operations. Therefore, the devices in this family operate
as slaves in all applications.
Serial Clock and Data
Data states on the SDA line can change only during SCL
LOW. SDA state changes during SCL HIGH are
reserved for indicating start and stop conditions. See
Figure 5.
Figure 5. Valid Data Changes on the SDA Bus
SCL
SDA
Data Stable
Data Change
Data Stable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com