Electronic Components Datasheet Search
  English  ▼

X  

X4643 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # X4643
Description  64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X4643 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button X4643 Datasheet HTML 12Page - Renesas Technology Corp X4643 Datasheet HTML 13Page - Renesas Technology Corp X4643 Datasheet HTML 14Page - Renesas Technology Corp X4643 Datasheet HTML 15Page - Renesas Technology Corp X4643 Datasheet HTML 16Page - Renesas Technology Corp X4643 Datasheet HTML 17Page - Renesas Technology Corp X4643 Datasheet HTML 18Page - Renesas Technology Corp X4643 Datasheet HTML 19Page - Renesas Technology Corp X4643 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
X4643, X4645
FN8123 Rev 0.00
Page 16 of 21
March 29, 2005
TIMING DIAGRAMS
Bus Timing
WP Pin Timing
Write Cycle Timing
Nonvolatile Write Cycle Timing
Notes: (1) tWC is the time from a valid stop condition at the end of a write sequence to the end of the self-timed internal nonvolatile write cycle. It is
the minimum cycle time to be allowed for any nonvolatile write by the user, unless Acknowledge Polling is used.
Symbol
Parameter
Min.
Typ.(1)
Max.
Unit
tWC(1)
Write Cycle Time
5
10
ms
tSU:STO
tDH
tHIGH
tSU:STA
tHD:STA
tHD:DAT
tSU:DAT
SCL
SDA IN
SDA OUT
tF
tLOW
tBUF
tAA
tR
tHD:WP
SCL
SDA IN
WP
tSU:WP
Clk 1
Clk 9
Slave Address Byte
START
SCL
SDA
tWC
8th bit of Last Byte
ACK
Stop
Condition
Start
Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com