Electronic Components Datasheet Search
  English  ▼

X  

X4643 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # X4643
Description  64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X4643 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button X4643 Datasheet HTML 13Page - Renesas Technology Corp X4643 Datasheet HTML 14Page - Renesas Technology Corp X4643 Datasheet HTML 15Page - Renesas Technology Corp X4643 Datasheet HTML 16Page - Renesas Technology Corp X4643 Datasheet HTML 17Page - Renesas Technology Corp X4643 Datasheet HTML 18Page - Renesas Technology Corp X4643 Datasheet HTML 19Page - Renesas Technology Corp X4643 Datasheet HTML 20Page - Renesas Technology Corp X4643 Datasheet HTML 21Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
X4643, X4645
FN8123 Rev 0.00
Page 18 of 21
March 29, 2005
RESET Output Timing
VTRIP Programming Timing Diagram (WEL = 1)
VTRIP Programming Parameters
Symbol
Parameter
Min.
Typ.
Max.
Unit
tWDO
Watchdog Time Out Period,
WD1 = 1, WD0 = 1 (factory setting)
WD1 = 1, WD0 = 0
WD1 = 0, WD0 = 1
WD1 = 0, WD0 = 0
100
450
1
OFF
250
650
1.5
300
850
2
ms
ms
sec
tRST
Reset Time Out
100
250
400
ms
Parameter
Description
Min.
Max. Unit
tVPS
VTRIP Program Enable Voltage Setup time
1
µs
tVPH
VTRIP Program Enable Voltage Hold time
1
µs
tTSU
VTRIP Setup time
1
µs
tTHD
VTRIP Hold (stable) time
10
ms
tWC
VTRIP Write Cycle Time
10
ms
tVPO
VTRIP Program Enable Voltage Off time (Between successive adjustments)
0
µs
tRP
VTRIP Program Recovery Period (Between successive adjustments)
10
ms
VP
Programming Voltage
15
18
V
VTRAN
VTRIP Programmed Voltage Range
2.55
4.75
V
Vta1
Initial VTRIP Program Voltage accuracy (VCC applied-VTRIP) (Programmed at 25°C.)
-0.1
+0.4
V
Vta2
Subsequent VTRIP Program Voltage accuracy [(VCC applied-Vta1)-VTRIP.
Programmed at 25°C.]
-25
+25
mV
Vtr
VTRIP Program Voltage repeatability (Successive program operations. Programmed at
25°C.)
-25
+25
mV
Vtv
VTRIP Program variation after programming (0-75°C). (Programmed at 25°C.)
-25
+25
mV
VTRIP programming parameters are periodically sampled and are not 100% tested.
VCC
(VTRIP)
WP
tTSU
tTHD
tVPH
tVPS
VP
VTRIP
tVPO
SCL
SDA
A0h
01h or 03h
tRP
00h
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com