Electronic Components Datasheet Search
  English  ▼

X  

X4643 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # X4643
Description  64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X4643 Datasheet(HTML) 2 Page - Renesas Technology Corp

  X4643 Datasheet HTML 1Page - Renesas Technology Corp X4643 Datasheet HTML 2Page - Renesas Technology Corp X4643 Datasheet HTML 3Page - Renesas Technology Corp X4643 Datasheet HTML 4Page - Renesas Technology Corp X4643 Datasheet HTML 5Page - Renesas Technology Corp X4643 Datasheet HTML 6Page - Renesas Technology Corp X4643 Datasheet HTML 7Page - Renesas Technology Corp X4643 Datasheet HTML 8Page - Renesas Technology Corp X4643 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
X4643, X4645
FN8123 Rev 0.00
Page 2 of 21
March 29, 2005
PIN CONFIGURATION
PIN FUNCTION
S1
VSS
VCC
SDA
SCL
3
2
4
1
6
7
5
8
S0
WP
RESET/RESET
VCC
S1
SCL
RESET/RESET
VSS
3
2
4
1
6
7
5
8
WP
SDA
S0
8-Pin JEDEC SOIC
8 Pin TSSOP
Pin
(SOIC)
Pin (TS-
SOP)
Name
Function
13
S0
Device Select Input
24
S1
Device Select Input
35
RESET/RESET
Reset Output
. RESET/RESET is an active LOW/HIGH, open drain output
which goes active whenever VCC falls below the minimum VCC sense level. It
will remain active until VCC rises above the minimum VCC sense level for
250ms. RESET/RESET goes active if the Watchdog Timer is enabled and SDA
remains either HIGH or LOW longer than the selectable Watchdog time out pe-
riod. A falling edge on SDA, while SCL is HIGH, resets the Watchdog Timer.
RESET/RESET goes active on power-up and remains active for 250ms after
the power supply stabilizes.
46
VSS
Ground
57
SDA
Serial Data.
SDA is a bidirectional pin used to transfer data into and out of the
device. It has an open drain output and may be wire ORed with other open
drain or open collector outputs. This pin requires a pull up resistor and the input
buffer is always active (not gated).
Watchdog Input.
A HIGH to LOW transition on the SDA (while SCL is HIGH) re-
starts the Watchdog timer. The absence of a HIGH to LOW transition within the
watchdog time out period results in RESET/RESET going active.
68
SCL
Serial Clock.
The Serial Clock controls the serial bus timing for data input and
output.
71
WP
Write Protect.
WP HIGH used in conjunction with WPEN bit prevents writes to
the control register.
82
VCC
Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com