Electronic Components Datasheet Search
  English  ▼

X  

TLC555CPWR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TLC555CPWR
Description  TLC555 LinCMOS™ Timer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC555CPWR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLC555CPWR Datasheet HTML 10Page - Texas Instruments TLC555CPWR Datasheet HTML 11Page - Texas Instruments TLC555CPWR Datasheet HTML 12Page - Texas Instruments TLC555CPWR Datasheet HTML 13Page - Texas Instruments TLC555CPWR Datasheet HTML 14Page - Texas Instruments TLC555CPWR Datasheet HTML 15Page - Texas Instruments TLC555CPWR Datasheet HTML 16Page - Texas Instruments TLC555CPWR Datasheet HTML 17Page - Texas Instruments TLC555CPWR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
R1
R
S
1
THRES
R
R
R
TRIG
2
1
GND
DISCH
7
3
OUT
6
VDD
8
5
CONT
RESET
4
14
TLC555
SLFS043I – SEPTEMBER 1983 – REVISED JULY 2019
www.ti.com
Product Folder Links: TLC555
Submit Documentation Feedback
Copyright © 1983–2019, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TLC555 is a precision timing device used for general-purpose timing applications up to 2.1 MHz. All inputs
are level sensitive not edge triggered inputs.
7.2 Functional Block Diagram
Pin numbers are for all packages except the PW and FK package. RESET can override TRIG, which can override
THRES (when CONT pin is 2/3 VDD).
The resistance of “R" resistors vary with VDD and temperature. The resistors match each other very well across VDD
and temperature for a temperature stable control voltage ratio.
7.3 Feature Description
7.3.1 Monostable Operation
For monostable operation, any of these timers can be connected as shown in Figure 9. If the output is low,
application of a negative-going pulse to the trigger (TRIG) sets the internal latch; the output goes high, and
discharge pin (DISCH) becomes open drain. Capacitor C then is charged through RA until the voltage across the
capacitor reaches the threshold voltage of the threshold (THRES) input. If TRIG has returned to a high level, the
output of the threshold comparator resets the internal latch, the output goes low, the discharge pin goes low
which quickly discharges capacitor C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com