Electronic Components Datasheet Search
  English  ▼

X  

TLC555CPWR Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TLC555CPWR
Description  TLC555 LinCMOS™ Timer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC555CPWR Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLC555CPWR Datasheet HTML 16Page - Texas Instruments TLC555CPWR Datasheet HTML 17Page - Texas Instruments TLC555CPWR Datasheet HTML 18Page - Texas Instruments TLC555CPWR Datasheet HTML 19Page - Texas Instruments TLC555CPWR Datasheet HTML 20Page - Texas Instruments TLC555CPWR Datasheet HTML 21Page - Texas Instruments TLC555CPWR Datasheet HTML 22Page - Texas Instruments TLC555CPWR Datasheet HTML 23Page - Texas Instruments TLC555CPWR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
VDD (5 V to 15 V)
DISCH
OUT
VDD
RESET
RA
2N3906
C
THRES
GND
CONT
TRIG
Input
0.01 F
P
Output
4
8
3
7
6
2
5
1
20
TLC555
SLFS043I – SEPTEMBER 1983 – REVISED JULY 2019
www.ti.com
Product Folder Links: TLC555
Submit Documentation Feedback
Copyright © 1983–2019, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TLC555 timer device uses resistor and capacitor charging delay to provide a programmable time delay or
operating frequency. The Typical Applications section presents a simplified discussion of the design process.
Reset mode forces output and discharge low and provides a small reduction in supply current.
8.2 Typical Applications
8.2.1 Missing-Pulse Detector
The circuit shown in Figure 18 can be used to detect a missing pulse or abnormally long spacing between
consecutive pulses in a train of pulses. The timing interval of the monostable circuit is re-triggered continuously
by the input pulse train as long as the pulse spacing is less than the timing interval. A longer pulse spacing,
missing pulse, or terminated pulse train permits the timing interval to be completed, thereby generating an output
pulse as shown in Figure 19.
Figure 18. Circuit for Missing-Pulse Detector
8.2.1.1 Design Requirements
Input fault (missing pulses) must be input high. An input stuck low cannot be detected because the timing
capacitor (C) remains discharged.
8.2.1.2 Detailed Design Procedure
Choose RA and C so that RA × C > [maximum normal input high time].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com