Electronic Components Datasheet Search
  English  ▼

X  

TLC555CPWR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLC555CPWR
Description  TLC555 LinCMOS™ Timer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC555CPWR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLC555CPWR Datasheet HTML 8Page - Texas Instruments TLC555CPWR Datasheet HTML 9Page - Texas Instruments TLC555CPWR Datasheet HTML 10Page - Texas Instruments TLC555CPWR Datasheet HTML 11Page - Texas Instruments TLC555CPWR Datasheet HTML 12Page - Texas Instruments TLC555CPWR Datasheet HTML 13Page - Texas Instruments TLC555CPWR Datasheet HTML 14Page - Texas Instruments TLC555CPWR Datasheet HTML 15Page - Texas Instruments TLC555CPWR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
Temperature (qC)
-75
-50
-25
0
25
50
75
100
125
0
10
20
30
40
50
60
70
80
90
D003
VDD = 2V, IO = 1mA
VDD = 3V, IO = 1mA
VDD = 5V, IO = 10mA
VDD = 15V, IO = 100mA
Temperature (qC)
-75
-50
-25
0
25
50
75
100
125
50
100
150
200
250
300
350
400
450
D004
VDD = 2V, IO = 300PA
VDD = 3V, IO = 300PA
VDD = 5V, IO = 1mA
VDD = 15V, IO = 10mA
Supply Voltage (V)
0
2
4
6
8
10
12
14
16
0
50
100
150
200
250
300
D001
-55qC
-40qC
0qC
25qC
70qC
85qC
125qC
Temperature (qC)
-75
-50
-25
0
25
50
75
100
125
20
30
40
50
60
70
80
90
D002
VDD = 2V
VDD = 3V
VDD = 5V
VDD = 15V
-75
-50
-25
0
25
50
75
100
125
1
2
4
7
10
20
40
70
100
Temperature ( C)
°
V
= 15 V, I = 100 mA
DD
O
V
= 5 V, I = 10 mA
DD
O
V
= 2 V, I = 1 mA
DD
O
600
500
400
300
200
100
0
0
2
4
6
8
10
12
14
16
18
20
Supply Voltage (V)
t
PLH
(1)
t
PHL
I
1 mA
C
0
T = 25 C
O(on)
L
A
³
»
°
12
TLC555
SLFS043I – SEPTEMBER 1983 – REVISED JULY 2019
www.ti.com
Product Folder Links: TLC555
Submit Documentation Feedback
Copyright © 1983–2019, Texas Instruments Incorporated
6.8 Typical Characteristics
Figure 1. Discharge Switch On-State Resistance vs
Free-Air Temperature
(1) The effects of the load resistance on these values must be
taken into account separately.
Figure 2. Propagation Delay Times to Discharge Output
From Trigger and Threshold Shorted Together
vs Supply Voltage
Figure 3. Supply Current vs Supply Voltage
Figure 4. Control Impedance vs Temperature
Figure 5. Output Low Resistance vs Temperature
Figure 6. Output High Resistance vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com