Electronic Components Datasheet Search
  English  ▼

X  

TLC555CPWR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLC555CPWR
Description  TLC555 LinCMOS™ Timer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC555CPWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC555CPWR Datasheet HTML 7Page - Texas Instruments TLC555CPWR Datasheet HTML 8Page - Texas Instruments TLC555CPWR Datasheet HTML 9Page - Texas Instruments TLC555CPWR Datasheet HTML 10Page - Texas Instruments TLC555CPWR Datasheet HTML 11Page - Texas Instruments TLC555CPWR Datasheet HTML 12Page - Texas Instruments TLC555CPWR Datasheet HTML 13Page - Texas Instruments TLC555CPWR Datasheet HTML 14Page - Texas Instruments TLC555CPWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
11
TLC555
www.ti.com
SLFS043I – SEPTEMBER 1983 – REVISED JULY 2019
Product Folder Links: TLC555
Submit Documentation Feedback
Copyright © 1983–2019, Texas Instruments Incorporated
(1)
Timing interval error is defined as the difference between the measured value and the average value of a random sample from each
process run.
(2)
RA, RB, and CT are as defined in Figure 12.
6.7 Operating Characteristics
VDD = 5 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Initial error of timing interval(1)
VDD = 5 V to 15 V, CT = 0.1 μF
RA = RB = 1 kΩ to 100 kΩ
(2)
1%
3%
Supply voltage sensitivity of timing interval
VDD = 5 V to 15 V, CT = 0.1 μF
RA = RB = 1 kΩ to 100 kΩ
(2)
0.1
0.5
%/V
tr
Output pulse rise time
RL = 10 MΩ, CL = 10 pF
20
75
ns
tf
Output pulse fall time
RL = 10 MΩ, CL = 10 pF
15
60
ns
fmax
Maximum frequency in a-stable mode
RA = 470 Ω, CT = 200 pF RB = 200 Ω
(2)
1.2
2.1
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com