Electronic Components Datasheet Search
  English  ▼

X  

TLC555CPWR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLC555CPWR
Description  TLC555 LinCMOS™ Timer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC555CPWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC555CPWR Datasheet HTML 6Page - Texas Instruments TLC555CPWR Datasheet HTML 7Page - Texas Instruments TLC555CPWR Datasheet HTML 8Page - Texas Instruments TLC555CPWR Datasheet HTML 9Page - Texas Instruments TLC555CPWR Datasheet HTML 10Page - Texas Instruments TLC555CPWR Datasheet HTML 11Page - Texas Instruments TLC555CPWR Datasheet HTML 12Page - Texas Instruments TLC555CPWR Datasheet HTML 13Page - Texas Instruments TLC555CPWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
10
TLC555
SLFS043I – SEPTEMBER 1983 – REVISED JULY 2019
www.ti.com
Product Folder Links: TLC555
Submit Documentation Feedback
Copyright © 1983–2019, Texas Instruments Incorporated
Electrical Characteristics: VDD = 15 V (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
(2)
These values apply for the expected operating configurations in which THRES is connected directly to DISCH or TRIG.
(3)
CPD is used to determine the dynamic power consumption.
(4)
PD = VDD
2 f
o (CPD + CL) where fo = output frequency, CL = output load capacitance, VDD = supply voltage
Control voltage (open circuit) as a
percentage of supply voltage
Max
TLC555C, TLC555I,
TLC555M, TLC555Q
66.7%
Discharge switch on-stage
voltage
IOL = 100 mA, 25°C
TLC555C, TLC555I,
TLC555M, TLC555Q
0.77
1.7
V
IOL = 100 mA,
Full range
TLC555C, TLC555I,
TLC555M, TLC555Q
1.8
Discharge switch off-stage
current
25°C
TLC555C, TLC555I,
TLC555M, TLC555Q
0.1
nA
Max
TLC555C
0.5
TLC555I
120
TLC555M, TLC555Q
120
VOH
High-level output voltage
IOH = –10 mA, 25°C
TLC555C, TLC555I,
TLC555M, TLC555Q
12.5
14.2
V
IOH = –10 mA,
Full range
TLC555C, TLC555I,
TLC555M, TLC555Q
12.5
IOH = –5 mA, 25°C
TLC555C, TLC555I,
TLC555M, TLC555Q
13.5
14.6
IOH = –5 mA,
Full range
TLC555C, TLC555I,
TLC555M, TLC555Q
13.5
IOH = –1 mA, 25°C
TLC555C, TLC555I,
TLC555M, TLC555Q
14.2
14.9
IOH = –1 mA,
Full range
TLC555C, TLC555I,
TLC555M, TLC555Q
14.2
VOL
Low-level output voltage
IOL = 100 mA, 25°C
TLC555C, TLC555I,
TLC555M, TLC555Q
1.28
3.2
V
IOL = 100 mA,
Full range
TLC555C
3.6
TLC555I
3.7
TLC555M, TLC555Q
3.8
IOL = 50 mA, 25°C
TLC555C, TLC555I,
TLC555M, TLC555Q
0.63
1
IOL = 50 mA,
Full range
TLC555C
1.3
TLC555I
1.4
TLC555M, TLC555Q
1.5
IOL = 10 mA, 25°C
TLC555C, TLC555I,
TLC555M, TLC555Q
0.12
0.3
IOL = 10 mA,
Full range
TLC555C
0.4
TLC555I
0.4
TLC555M, TLC555Q
0.45
IDD
Supply current(2)
25°C
TLC555C, TLC555I,
TLC555M, TLC555Q
360
600
µA
Full range
TLC555C
800
TLC555I
900
TLC555M, TLC555Q
1000
CPD
Power dissipation
capacitance(3)(4)
25°C
TLC555C, TLC555I,
TLC555M, TLC555Q
140
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com