Electronic Components Datasheet Search
  English  ▼

X  

TLC555CPWR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLC555CPWR
Description  TLC555 LinCMOS™ Timer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC555CPWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC555CPWR Datasheet HTML 5Page - Texas Instruments TLC555CPWR Datasheet HTML 6Page - Texas Instruments TLC555CPWR Datasheet HTML 7Page - Texas Instruments TLC555CPWR Datasheet HTML 8Page - Texas Instruments TLC555CPWR Datasheet HTML 9Page - Texas Instruments TLC555CPWR Datasheet HTML 10Page - Texas Instruments TLC555CPWR Datasheet HTML 11Page - Texas Instruments TLC555CPWR Datasheet HTML 12Page - Texas Instruments TLC555CPWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
9
TLC555
www.ti.com
SLFS043I – SEPTEMBER 1983 – REVISED JULY 2019
Product Folder Links: TLC555
Submit Documentation Feedback
Copyright © 1983–2019, Texas Instruments Incorporated
Electrical Characteristics: VDD = 5 V (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
(2)
These values apply for the expected operating configurations in which THRES is connected directly to DISCH or to TRIG.
(3)
CPD is used to determine the dynamic power consumption.
(4)
PD = VDD
2 f
o (CPD + CL) where fo = output frequency, CL = output load capacitance, VDD = supply voltage
VOL
Low-level output voltage
IOL = 5 mA, 25°C
TLC555C, TLC555I,
TLC555M, TLC555Q
0.13
0.3
V
IOL = 5 mA,
Full range
TLC555C
0.4
TLC555I
0.4
TLC555M, TLC555Q
0.45
IOL = 3.2 mA, 25°C
TLC555C, TLC555I,
TLC555M, TLC555Q
0.08
0.3
IOL = 3.2 mA,
Full range
TLC555C
0.35
TLC555I
0.35
TLC555M, TLC555Q
0.4
IDD
Supply current(2)
25°C
TLC555C, TLC555I,
TLC555M, TLC555Q
170
350
µA
Full range
TLC555C
500
TLC555I
600
TLC555M, TLC555Q
700
CPD
Power dissipation
capacitance(3)(4)
25°C
TLC555C, TLC555I,
TLC555M, TLC555Q
115
pF
(1)
Full range is 0°C to 70°C for TLC555C, –40°C to 85°C for TLC555I, –40°C to 125°C for the TLC555Q, and –55°C to 125°C for
TLC555M. For conditions shown as Max, use the appropriate value specified in the Recommended Operating Conditions table.
6.6 Electrical Characteristics: VDD = 15 V
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
VIT
Threshold voltage
25°C
TLC555C, TLC555I,
TLC555M, TLC555Q
9.45
10
10.55
V
Full range
TLC555C, TLC555I,
TLC555M, TLC555Q
9.35
10.65
IIT
Threshold current
25°C
TLC555C, TLC555I,
TLC555M, TLC555Q
10
pA
Max
TLC555C
75
TLC555I
150
TLC555M, TLC555Q
5000
VI(TRIG)
Trigger voltage
25°C
TLC555C, TLC555I,
TLC555M, TLC555Q
4.65
5
5.35
V
Full range
TLC555C, TLC555I,
TLC555M, TLC555Q
4.55
5.45
II(TRIG)
Trigger current
25°C
TLC555C, TLC555I,
TLC555M, TLC555Q
10
pA
Max
TLC555C
75
TLC555I
150
TLC555M, TLC555Q
5000
CI
Trigger, threshold capacitance
(each pin)
25°C
TLC555C, TLC555I,
TLC555M, TLC555Q
1.8
pF
VI(RESET)
Reset voltage
25°C
TLC555C, TLC555I,
TLC555M, TLC555Q
0.4
1.1
1.5
V
Full range
TLC555C, TLC555I,
TLC555M, TLC555Q
0.3
1.8
II(RESET)
Reset current
25°C
TLC555C, TLC555I,
TLC555M, TLC555Q
10
pA
Max
TLC555C
75
TLC555I
150
TLC555M, TLC555Q
5000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com