Electronic Components Datasheet Search
  English  ▼

X  

TLC555CPWR Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TLC555CPWR
Description  TLC555 LinCMOS™ Timer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC555CPWR Datasheet(HTML) 24 Page - Texas Instruments

Back Button TLC555CPWR Datasheet HTML 20Page - Texas Instruments TLC555CPWR Datasheet HTML 21Page - Texas Instruments TLC555CPWR Datasheet HTML 22Page - Texas Instruments TLC555CPWR Datasheet HTML 23Page - Texas Instruments TLC555CPWR Datasheet HTML 24Page - Texas Instruments TLC555CPWR Datasheet HTML 25Page - Texas Instruments TLC555CPWR Datasheet HTML 26Page - Texas Instruments TLC555CPWR Datasheet HTML 27Page - Texas Instruments TLC555CPWR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
S
VDD
RESET
VDD
OUT
DISCH
GND
CONT
TRIG
4
8
3
7
6
1
5
2
THRES
RC
CC
0.01
CC = 14.7 F
P
RC = 100 k:
Out pu t C
RESET
VDD
OUT
DISCH
GND
CONT
TRIG
4
8
3
7
6
1
5
2
THRES
RB
33 k:
0.001
0.01
PF
CB = 4.7 PF
RB = 100 k:
Out pu t B
Out pu t A
RA = 100 k:
CA = 10 PF
PF
0.01
PF
0.001
33 k:
R
THRES
2
5
1
6
7
3
8
4
TRIG
CONT
GND
DISCH
OUT
VDD
RESET
PF
PF
CB
CA
33 k:
A
1N4148
1N4148
24
TLC555
SLFS043I – SEPTEMBER 1983 – REVISED JULY 2019
www.ti.com
Product Folder Links: TLC555
Submit Documentation Feedback
Copyright © 1983–2019, Texas Instruments Incorporated
Typical Applications (continued)
8.2.4 Sequential Timer
Many applications, such as computers, require signals for initializing conditions during start-up. Other
applications, such as test equipment, require activation of test signals in sequence. These timing circuits can be
connected to provide such sequential control. The timers can be used in various combinations of astable or
monostable circuit connections, with or without modulation, for extremely flexible waveform control. Figure 25
shows a sequencer circuit with possible applications in many systems, and Figure 26 shows the output
waveforms.
NOTE: S closes momentarily at t = 0.
Figure 25. Sequential Timer Circuit
8.2.4.1 Design Requirements
The sequential timer application chains together multiple monostable timers. The joining components are the
33-kΩ resistors and 0.001-µF capacitors. The output high to low edge passes a 10-µs start pulse to the next
monostable. A diode is needed to prevent over voltage on the trigger input when on the previous output's low to
high edge.
8.2.4.2 Detailed Design Procedure
The timing resistors and capacitors can be chosen using this formula: tw = 1.1 × R × C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com