Electronic Components Datasheet Search
  English  ▼

X  

TLC555CPWR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLC555CPWR
Description  TLC555 LinCMOS™ Timer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC555CPWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC555CPWR Datasheet HTML 4Page - Texas Instruments TLC555CPWR Datasheet HTML 5Page - Texas Instruments TLC555CPWR Datasheet HTML 6Page - Texas Instruments TLC555CPWR Datasheet HTML 7Page - Texas Instruments TLC555CPWR Datasheet HTML 8Page - Texas Instruments TLC555CPWR Datasheet HTML 9Page - Texas Instruments TLC555CPWR Datasheet HTML 10Page - Texas Instruments TLC555CPWR Datasheet HTML 11Page - Texas Instruments TLC555CPWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
8
TLC555
SLFS043I – SEPTEMBER 1983 – REVISED JULY 2019
www.ti.com
Product Folder Links: TLC555
Submit Documentation Feedback
Copyright © 1983–2019, Texas Instruments Incorporated
(1)
Full range is 0°C to 70°C the for TLC555C, –40°C to 85°C for the TLC555I, –40°C to 125°C for the TLC555Q, and –55°C to 125°C for
the TLC555M. For conditions shown as Max, use the appropriate value specified in the Recommended Operating Conditions table.
6.5 Electrical Characteristics: VDD = 5 V
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
VIT
Threshold voltage
25°C
TLC555C, TLC555I,
TLC555M, TLC555Q
2.8
3.3
3.8
V
Full range
TLC555C, TLC555I,
TLC555M, TLC555Q
2.7
3.9
IIT
Threshold current
25°C
TLC555C, TLC555I,
TLC555M, TLC555Q
10
pA
Max
TLC555C
75
TLC555I
150
TLC555M, TLC555Q
5000
VI(TRIG)
Trigger voltage
25°C
TLC555C, TLC555I,
TLC555M, TLC555Q
1.36
1.66
1.96
V
Full range
TLC555C, TLC555I,
TLC555M, TLC555Q
1.26
2.06
II(TRIG)
Trigger current
25°C
TLC555C, TLC555I,
TLC555M, TLC555Q
10
pA
Max
TLC555C
75
TLC555I
150
TLC555M, TLC555Q
5000
CI
Trigger, threshold capacitance
(each pin)
25°C
TLC555C, TLC555I,
TLC555M, TLC555Q
2.1
pF
VI(RESET)
Reset voltage
25°C
TLC555C, TLC555I,
TLC555M, TLC555Q
0.4
1.1
1.5
V
Full range
TLC555C, TLC555I,
TLC555M, TLC555Q
0.3
1.8
II(RESET)
Reset current
25°C
TLC555C, TLC555I,
TLC555M, TLC555Q
10
pA
Max
TLC555C
75
TLC555I
150
TLC555M, TLC555Q
5000
Control voltage (open circuit) as a
percentage of supply voltage
Max
TLC555C, TLC555I,
TLC555M, TLC555Q
66.7%
Discharge switch on-stage
voltage
IOL = 10 mA, 25°C
TLC555C, TLC555I,
TLC555M, TLC555Q
0.14
0.5
V
IOL = 10 mA,
Full range
TLC555C, TLC555I,
TLC555M, TLC555Q
0.6
Discharge switch off-stage
current
25°C
TLC555C, TLC555I,
TLC555M, TLC555Q
0.1
nA
Max
TLC555C
0.5
TLC555I
120
TLC555M, TLC555Q
120
VOH
High-level output voltage
IOH = –1 mA, 25°C
TLC555C, TLC555I,
TLC555M, TLC555Q
4.1
4.8
V
IOH = –1 mA,
Full range
TLC555C, TLC555I,
TLC555M, TLC555Q
4.1
VOL
Low-level output voltage
IOL = 8 mA, 25°C
TLC555C, TLC555I,
TLC555M, TLC555Q
0.21
0.4
V
IOL = 8 mA,
Full range
TLC555C
0.5
TLC555I
0.5
TLC555M, TLC555Q
0.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com