Electronic Components Datasheet Search
  English  ▼

X  

AD9549BCPZ Datasheet(PDF) 31 Page - Analog Devices

Part # AD9549BCPZ
Description  Dual Input Network Clock Generator/Synchronizer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549BCPZ Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9549BCPZ Datasheet HTML 27Page - Analog Devices AD9549BCPZ Datasheet HTML 28Page - Analog Devices AD9549BCPZ Datasheet HTML 29Page - Analog Devices AD9549BCPZ Datasheet HTML 30Page - Analog Devices AD9549BCPZ Datasheet HTML 31Page - Analog Devices AD9549BCPZ Datasheet HTML 32Page - Analog Devices AD9549BCPZ Datasheet HTML 33Page - Analog Devices AD9549BCPZ Datasheet HTML 34Page - Analog Devices AD9549BCPZ Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 78 page
background image
Preliminary Technical Data
AD9549
Rev. PrA | Page 31 of 78
For example, suppose that FPFD_Gain=200, fCLK=3MHz, and 1°
of phase offset is desired. First, we must find the value of
∆t
OFFSET
, which is:
()
ps
T
t
MHz
CLK
OFFSET
9
.
925
3
1
360
1
360
deg
=
=
=
∆
Having determined ∆tOFFSET, we have:
(
) 1896
200
10
2
9
.
925
7
10
=
⋅
⋅
=
ps
PLL
OFFSET
The result has been rounded because PLLOFFSET is restricted to
integer values.
NOTE: The PLLOFFSET value is programmed as a 14-bit, twos-
complement number. However, the user must ensure that the
magnitude is constrained to 12 bits, such that:
-211 ≤ PLLOFFSET < +211
The above constraint yields a timing adjustment range of ±1ns.
This ensures that the phase offset remains within the bounds of
the fine phase detector.
LOCK DETECTION
Phase Lock Detection
During the phase locking process, the output of the phase
detector tends toward a value of zero, which indicates perfect
alignment of the phase detector input signals. As the control
loop works to maintain the alignment of the phase detector
input signals, the output of the phase detector wanders around
zero.
The phase lock detector tracks the absolute value of the digital
samples generated by the phase detector. These samples are
compared to the Phase Lock Detect Threshold value
programmed in the I/O Register Map. A false state at the
output of the comparator indicates the absolute value of a
sample exceeds the value in the threshold register. A true state
at the output of the comparator indicates alignment of the phase
detector input signals to the degree specified by the lock
detection threshold.
Digital
Comparator
Phase
Lock
Detect
Absolute
Value
P-Divider Clock
Phase
Detector
Samples
Control Logic
Lock
Timer
Unlock
Timer
X
Y
I/O Registers
3
5
Close
Loop
RESET
Phase Lock Detect
Threshold
Figure 15: Phase Lock Detector Block Diagram
The Phase Lock Detect Threshold value (PLDT) is a 32-bit
number stored in the I/O Register Map:
(
)
Gain
FPFD
t
round
PLDT
_
10
2
7
10
⋅
⋅
⋅
∆
=
Where ∆t is the maximum allowable timing error between the
signals at the input to the phase detector and the value of
FPFD_Gain is as described in the Fine Phase Detector section.
For example, suppose that fR/R=3MHz, FPFD_Gain=200, and
the maximum timing deviation is given as 1°. This yields a ∆t
value of:
(
)
()6
10
3
360
1
360
360
1
⋅
⋅
=
=
⋅
⋅
=
∆
R
f
R
R
T
R
t
o
o
The resulting phase lock detect threshold is:
() 1896
10
3
360
200
10
2
6
7
10
=


⋅
⋅
⋅
= round
PLDT
Hence, 1896 (00000768h) is the value that must be stored in the
Phase Lock Detect Threshold register.
The "phase lock detect" signal is generated once the control
logic observes that the output of the comparator has been in the
true state for 2X periods of the P-Divider clock (see the Digital
Loop Filter section for a description of the P-Divider). Once the
phase lock detect signal is asserted, it remains asserted until
cleared by an "unlock" event or by a device RESET.
The duration of the lock detection process is programmable via
the Phase Lock Watchdog Timer register. The interval is
controlled by a 5-bit number, X (0 ≤ X ≤ 20). The absolute
duration of the phase lock detect interval is:
S
X
f
P
LOCK
T
2
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com