Electronic Components Datasheet Search
  English  ▼

X  

AD9549BCPZ Datasheet(PDF) 38 Page - Analog Devices

Part # AD9549BCPZ
Description  Dual Input Network Clock Generator/Synchronizer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549BCPZ Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9549BCPZ Datasheet HTML 34Page - Analog Devices AD9549BCPZ Datasheet HTML 35Page - Analog Devices AD9549BCPZ Datasheet HTML 36Page - Analog Devices AD9549BCPZ Datasheet HTML 37Page - Analog Devices AD9549BCPZ Datasheet HTML 38Page - Analog Devices AD9549BCPZ Datasheet HTML 39Page - Analog Devices AD9549BCPZ Datasheet HTML 40Page - Analog Devices AD9549BCPZ Datasheet HTML 41Page - Analog Devices AD9549BCPZ Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 78 page
background image
AD9549
Preliminary Technical Data
Rev. PrA | Page 38 of 78
that the device is programmed to revert automatically to a valid
reference when it recovers. When a reference returns to normal
operation, the LOR and OOL conditions will no longer be true.
However, the state machine is not immediately notified of the
clearing of the LOR and OOL condition. Instead, once both the
LOR and OOL conditions are cleared, the recovery timer for
that particular reference is started. Expiration of the recovery
timer is an indication to the state machine that the reference is
now available for selection. However, even though the reference
is now flagged as "valid", actual transition to the recovered
reference depends on the programmed settings of the various
holdover control bits.
The recovery timers are controlled via the I/O Register Map.
Although there are two independent recovery timers, the
programmed information is shared among both. The desired
time interval is controlled via a 5-bit word (T) such that
0 ≤ T ≤ 31 (default is T=0). The duration of the recovery timers
is given by:
(
)1
2 1
0
−
=
+
T
RECOVER
T
T
Where T0 is the sample rate of the digital loop filter, which has a
period of:
S
P
f
T
IO
2
0 =
(see the Digital Loop Filter section)
A single bit, Disable Recovery Timer, causes the state machine
to ignore the status of the recovery timers. Instead, the state
machine relies on the user to validate the recovery of the faulty
reference and then to set the Validate RefA (or RefB) bit
manually in the I/O Register Map. That is, the state machine
treats the setting of the "Validate" bits as though the associated
timer had expired.
Holdover Operation
When the holdover condition is asserted, the DDS output
frequency is no longer controlled by the phase lock feedback
loop. Instead, a static frequency tuning word (FTW) is applied
to the DDS to hold it at a specified frequency. The source of the
static FTW depends on the status of the appropriate control
register bits. During normal operation, the Averager & Sampler
monitors and accumulates up to 65000 FTW values as they are
generated, and upon entering holdover, the holdover state
machine can use the averaged tuning word, or the last valid
tuning word.
Holdover mode is exited in a similar manner that it is entered. If
manual holdover control is used, then when the holdover pin is
de-asserted, the phase detector starts comparing the holdover
signal with the reference input signal, and will start to adjust the
phase/frequency using the holdover signal as its starting point.
The behavior of the holdover state machine when it is in
automatically exiting holdover mode is very similar. The
primary difference is that reference monitor is continuously
monitoring both reference inputs and as soon as one becomes
valid, it automatically switches to that input.
The output frequency in Holdover mode depends on the
frequency of the SysClk input source and the value of the
frequency tuning word applied to the DDS. Therefore, the
stability of the output signal is completely dependent on the
stability of the SysClk source (and the SysClk PLL Multiplier, if
enabled).
Note: It is very important to power down an unused reference
input to avoid chattering on that input. Also, the reference
validation timer must be set to at least one full cycle of the
signal coming out of the reference divider.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com