Electronic Components Datasheet Search
  English  ▼

X  

AD9549BCPZ Datasheet(PDF) 40 Page - Analog Devices

Part # AD9549BCPZ
Description  Dual Input Network Clock Generator/Synchronizer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549BCPZ Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9549BCPZ Datasheet HTML 36Page - Analog Devices AD9549BCPZ Datasheet HTML 37Page - Analog Devices AD9549BCPZ Datasheet HTML 38Page - Analog Devices AD9549BCPZ Datasheet HTML 39Page - Analog Devices AD9549BCPZ Datasheet HTML 40Page - Analog Devices AD9549BCPZ Datasheet HTML 41Page - Analog Devices AD9549BCPZ Datasheet HTML 42Page - Analog Devices AD9549BCPZ Datasheet HTML 43Page - Analog Devices AD9549BCPZ Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 78 page
background image
AD9549
Preliminary Technical Data
Rev. PrA | Page 40 of 78
images of the base band signal that theoretically extend to
infinity. Notice that the odd images (shown in Figure 25 below)
are mirror images of the base band signal. Furthermore, the
entire DAC output spectrum is affected by a sin(x)/x response,
which is caused by the "sample and hold" nature of the DAC
output signal.
Magnitude
(dB)
f
f
S
2f
S
f
S/2
3f
S/2
5f
S/2
-100
0
-20
-40
-60
-80
sin(x)/x
envelope
Image 0Image 1Image 2
Image 3Image 4
primary
signal
base band
spurs
filter
response
Figure 25: DAC Spectrum vs. Reconstruction Filter Response
The response of the reconstruction filter should preserve the
base band signal (image 0), while completely rejecting all other
images. However, a practical filter implementation will
typically exhibit a relatively flat pass band that covers the
desired output frequency plus 20%, roll off as steeply as
possible, and then maintain significant (though not complete)
rejection of the remaining images.
Plot 13: DAC Output without Reconstruction Filter.
fOUT=155.52 MHz. Sysclk=25 MHz.
Sysclk PLL = x40. Spur reduction disabled.
DPLL Loop Closed. Freq Span for Plot: 500 MHz.
Plot 14: Filtered DAC Output Using 7th order elliptical with Fc=186
MHz. Same Conditions as previous plot.
Since the DAC output signal serves as the feedback signal for
the digital PLL, the design of the reconstruction filter can have a
significant impact on the overall jitter performance. Hence,
good filter design and implementation techniques are
important for obtaining the best possible jitter results.
Use of Narrowband Filter for High Performance
A distinct advantage of the AD9549 architecture is its ability to
constrain the frequency output range of the DDS. This allows
the user to employ a narrow band reconstruction filter instead
of the low pass response shown above resulting in less jitter on
the output. For example, suppose that the nominal output
frequency of the DDS is 150MHz. One might then choose a
5MHz narrow band filter centered at 150MHz. By using the
AD9549's DDS frequency limiting feature, the user could
constrain the output frequency to 150MHz ± 4.9MHz (which
allows for a 100kHz margin at the pass band edges). This will
ensure that a feedback signal is always present for the digital
PLL. Such a design would be extremely difficult to implement
with conventional PLL architectures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com