Electronic Components Datasheet Search
  English  ▼

X  

AD9549BCPZ Datasheet(PDF) 51 Page - Analog Devices

Part # AD9549BCPZ
Description  Dual Input Network Clock Generator/Synchronizer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549BCPZ Datasheet(HTML) 51 Page - Analog Devices

Back Button AD9549BCPZ Datasheet HTML 47Page - Analog Devices AD9549BCPZ Datasheet HTML 48Page - Analog Devices AD9549BCPZ Datasheet HTML 49Page - Analog Devices AD9549BCPZ Datasheet HTML 50Page - Analog Devices AD9549BCPZ Datasheet HTML 51Page - Analog Devices AD9549BCPZ Datasheet HTML 52Page - Analog Devices AD9549BCPZ Datasheet HTML 53Page - Analog Devices AD9549BCPZ Datasheet HTML 54Page - Analog Devices AD9549BCPZ Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 78 page
background image
Preliminary Technical Data
AD9549
Rev. PrA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
POWER-ON RESET
On initial power-up, the AD9549 internally generates a 75ns
RESET pulse. The pulse is initiated when both of the following
two conditions are met:
The 3.3v supply is greater than 2.35± 0.1V
The 1.8v supply is greater than 1.4± 0.05V
Less than 1 ns after RESET goes high, the S1-S4 configuration
pins go high impedance, and remain high impedance until
RESET is deactivated. This allows strapping and configuration
during RESET.
Because of this reset sequence, power supply sequencing isn’t
critical.
AD9549 POWER UP AND PROGRAMMING
SEQUENCE
The following sequence should be followed when initializing
the AD9549:
1.
Apply Power. The AD9549 will perform an internal
reset.
2.
IMPORTANT: Make sure the desired configuration
registers have Single Tone mode(R0100[5]) set, and
Lock Loop (R0100[0]) cleared. If the Lock Loop bit is
set on initial loading, the AD9549 will attempt to lock
the loop before it has been configured.
3.
Once the registered are loaded, the OOL (Out of
limits) and LOR (loss of reference) can be monitored
to insure that a valid reference signal is present on
RefA or RefB.
4.
If a valid reference is present, Register 0100 can be
reprogrammed to clear Single Tone Mode and lock the
loop.
5.
Automatic Holdover mode can now be used to make
the AD9549 immune to any disturbance on the
reference inputs.
The following sequence should be followed when changing
frequencies the AD9549:
1.
Open the loop and enter single tone mode via Register
0100.
2.
Enter the new register settings.
3.
Write 1E to Register 0012.
4.
Once the registered are loaded, the OOL (Out of
limits) and LOR (loss of reference) can be monitored
to insure that a valid reference signal is present on
RefA or RefB.
5.
If a valid reference is present, Register 0100 can be
reprogrammed to clear Single Tone Mode and lock the
loop.
6.
Automatic Holdover mode can now be used to make
the AD9549 immune to any disturbance on the
reference inputs.
Notes:
Attempting to lock the loop without a valid reference can put
the AD9549 into a state that requires a reset.
Automatic Holdover mode is not available unless the loop has
been successfully closed.
If the user desires to open and close the loop manually, we
recommend writing 1E to Register 0012 prior to reclosing the
loop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com