Electronic Components Datasheet Search
  English  ▼

X  

AD9549BCPZ Datasheet(PDF) 41 Page - Analog Devices

Part # AD9549BCPZ
Description  Dual Input Network Clock Generator/Synchronizer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549BCPZ Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9549BCPZ Datasheet HTML 37Page - Analog Devices AD9549BCPZ Datasheet HTML 38Page - Analog Devices AD9549BCPZ Datasheet HTML 39Page - Analog Devices AD9549BCPZ Datasheet HTML 40Page - Analog Devices AD9549BCPZ Datasheet HTML 41Page - Analog Devices AD9549BCPZ Datasheet HTML 42Page - Analog Devices AD9549BCPZ Datasheet HTML 43Page - Analog Devices AD9549BCPZ Datasheet HTML 44Page - Analog Devices AD9549BCPZ Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 78 page
background image
Preliminary Technical Data
AD9549
Rev. PrA | Page 41 of 78
FDBK INPUTS
The FDBK pins serve as the input to the feedback path of the
digital PLL. Typically, these pins are used to receive the signal
generated by the DDS after it has been band-limited by the
external reconstruction filter.
A diagram of the FDBK input pins is provided here, which
includes some of the internal components used to bias the input
circuitry. Note that the FDBK input pins are internally biased
to a DC level of ~1V. Care should be taken to ensure that any
external connections do not disturb the DC bias, as this may
significantly degrade performance.
To S-Divider
and Clock
Output Section
VSS
~2pF
~1V
VSS
~1pF
~1pF
FDBK_IN
FDBK_INB
+
Figure 26: Differential FDBK Inputs
REFERENCE INPUTS
Reference Clock Receiver
The Reference Clock receiver is the point at which the user
supplies the input clock signal that the Synchronizer will
synthesize into an output clock. The clock receiver circuit is
able to handle a relatively broad range of input levels as well as
frequencies from 8 kHz up to 750 MHz.
The following is a diagram of the REFA/B input pins, which
includes some of the internal components used to bias the input
circuitry. Note that the REF input pins are internally biased by
a DC source, Vb. Care should be taken to ensure that any
external connections do not disturb the DC bias, as this may
significantly degrade performance.
To Reference
Monitor and
Switching Logic
VSS
~1pF
~1pF
REFA_IN
REFA_INB
(or REFB_IN)
(or REFB_INB)
GND
1pF
Vb
VDD
+
Figure 27: Reference Inputs
NOTE: Support for redundant reference clocks is achieved by
using the two Reference Clock receivers (REFA & REFB).
In order to accommodate a variety of input signal conditions
the value of Vb is programmable via a pair of bits in the I/O
Register Map. Table 3 below gives the value of Vb for the bit
pattern in Register 040F.
Reference Bias Level
R040F[1:0]
Vb
00 (default)
AVDD3-800mV
01
AVDD3-400mV
10
AVDD3-1600mV
11
AVDD3-1200mV
Table 3: Setting of Input Bias Voltage (Vb)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com