Electronic Components Datasheet Search
  English  ▼

X  

AD9549BCPZ Datasheet(PDF) 34 Page - Analog Devices

Part # AD9549BCPZ
Description  Dual Input Network Clock Generator/Synchronizer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549BCPZ Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9549BCPZ Datasheet HTML 30Page - Analog Devices AD9549BCPZ Datasheet HTML 31Page - Analog Devices AD9549BCPZ Datasheet HTML 32Page - Analog Devices AD9549BCPZ Datasheet HTML 33Page - Analog Devices AD9549BCPZ Datasheet HTML 34Page - Analog Devices AD9549BCPZ Datasheet HTML 35Page - Analog Devices AD9549BCPZ Datasheet HTML 36Page - Analog Devices AD9549BCPZ Datasheet HTML 37Page - Analog Devices AD9549BCPZ Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 78 page
background image
AD9549
Preliminary Technical Data
Rev. PrA | Page 34 of 78
1 GHz), the reference input frequency, fR (in Hz), the error
bound, E (1%=0.01), and the monitor window size (W). The
monitor window size is the difference between the maximum
and minimum number of counts accumulated between adjacent
edges of the reference input. If this window is too small,
random variations will cause the OOL detector to indicate
incorrectly that a reference is out of limits. However, the time
required to determine if the reference frequency is valid
increases with window size. A window size of at least 20 is a
good starting point.
The four input values mentioned above are used to calculate the
OOL Divider (D) and OOL nominal value (N), which in turn
are used to calculate the OOL Upper Limit (U), and OOL
Lower Limit (L) according to the following formulas:
))
*
*
4
,
65535
min(
,
1
max(


=
E
W
f
f
ceil
D
S
R
4
*
D
f
f
N
S
R
=
)
(
)
(
W
floor
N
floor
L
−
=
)
(
)
(
W
floor
N
ceil
U
+
=
The timing accuracy is dependent on two factors. The first is
the inherent accuracy of fS, since it serves as the time base for
the Reference Monitor. As such, the accuracy of the Reference
Monitor can be no better than the accuracy of fS. Second, the
value of W, which must be sufficiently large so that the timer
resolves the deviation between a nominal value of fR and a value
that is out of limits.
As an example, let fR=10MHz, Ε=1.0%, fS=1GHz, and W=20.
The limits are then:
Lower Limit = 1980
Upper Limit = 2020
Now let Ε=0.01%, Then the limits are:
Lower Limit = 199980
Upper Limit = 200020
Notice that the number of counts (and time) required to make
this measurement has increased 100x.
REFERENCE SWITCHOVER
The AD9549 supports dual input reference clocks. Reference
switchover may be accomplished either automatically or
manually by appropriately programming the "AutoRefSel" bit in
the I/O Register Map. Transition to a newly selected reference
depends on a number of factors:
State of the REFSELECT pin
State of the "Ref_AB" control register bit
State of the "Enable Ref Input Override" register bit
Holdover status
A functional diagram of the reference switchover and holdover
logic is shown in Figure 19.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com