Electronic Components Datasheet Search
  English  ▼

X  

AD9549BCPZ Datasheet(PDF) 42 Page - Analog Devices

Part # AD9549BCPZ
Description  Dual Input Network Clock Generator/Synchronizer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549BCPZ Datasheet(HTML) 42 Page - Analog Devices

Back Button AD9549BCPZ Datasheet HTML 38Page - Analog Devices AD9549BCPZ Datasheet HTML 39Page - Analog Devices AD9549BCPZ Datasheet HTML 40Page - Analog Devices AD9549BCPZ Datasheet HTML 41Page - Analog Devices AD9549BCPZ Datasheet HTML 42Page - Analog Devices AD9549BCPZ Datasheet HTML 43Page - Analog Devices AD9549BCPZ Datasheet HTML 44Page - Analog Devices AD9549BCPZ Datasheet HTML 45Page - Analog Devices AD9549BCPZ Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 78 page
background image
AD9549
Preliminary Technical Data
Rev. PrA | Page 42 of 78
SYSCLK INPUTS
Functional Description
The SysClk pins are where an external timebase is connected to
the AD9549 for generating the internal high frequency system
clock (fS).
The SysClk inputs can be operated in one of three modes: 1)
SysClk PLL Bypassed, 2) SysClk PLL Enabled with input signal
generated externally, or 3) Crystal Resonator with SysClk PLL
Enabled. A functional diagram of the system clock generator is
shown below.
Figure 28: System Clock Generator Block Diagram
The SysClk PLL multiplier path is enabled by a logic 0 (default)
in the PD SysClk PLL location of the I/O Register Map. The
SysClk PLL multiplier can be driven from the SysClk input pins
by one of two means depending on the logic level applied to the
1.8V CMOS CLKMODESEL pin. When CLKMODESEL=0, a
crystal can be connected directly across the SysClk pins. When
CLKMODESEL=1, the maintaining amp is disabled, and an
external frequency source (oscillator, signal generator, etc.) can
be connected directly to the SysClk input pins. Note that
CLKMODESEL=1 does not disable the system clock PLL.
When the SysClk PLL multiplier path is disabled, the AD9549
must be driven by a high frequency signal source (up to 1GHz).
The signal thus applied to the SysClk input pins becomes the
internal DAC sampling clock (fS) after passing through an
internal buffer.
Bipolar Edge Detector
The SysClk PLL Multiplier path offers an optional Bipolar Edge
Detector (BED). This block acts as a frequency doubler by
generating a pulse on each edge of the SysClk input signal. The
SysClk PLL Multiplier locks to the falling edges of this
regenerated signal.
The impetus for doubling the frequency at the input of the
SysClk PLL Multiplier is that an improvement in overall phase
noise performance can sometimes be realized. The main
drawback is that the BED output not a rectangular pulse with a
constant duty cycle even for a perfectly symmetric SysClk input
signal. This results in a sub-harmonic appearing at the same
frequency as the SysClk input signal, and the magnitude of the
sub-harmonic can be quite large. When employing the BED
care must be taken to ensure that the loop bandwidth of the
SysClk PLL Multiplier will adequately suppress the sub-
harmonic.
The benefit offered by the BED depends on the magnitude of
the sub-harmonic, the loop bandwidth of the SysClk PLL
Multiplier, and the overall phase noise requirements of the
specific application. In many applications, the AD9549 clock
output is applied to the input of another PLL, and the sub-
harmonic is often suppressed by the relatively narrow
bandwidth of the downstream PLL.
NOTE: Generally, the benefits of the Bipolar Edge Detector are
realized for SysClk input frequencies of 25MHz and above.
SysClk PLL Multiplier
When the SysClk PLL Multiplier path is employed, the
frequency applied to the SysClk input pins must be limited so as
not to exceed the maximum input frequency of the SysClk PLL
phase detector. A block diagram of the SysClk generator
appears in Figure 29 below.
Figure 29: Block Diagram of the SysClk PLL
The SysClk PLL Multiplier has a 1GHz VCO at its core. A
phase/frequency detector (PFD) and charge pump provide the
steering signal to the VCO in typical PLL fashion. The PFD
operates on the falling edge transitions of the input signal,
which means that the loop locks on the negative edges of the
reference signal. The charge pump gain is controlled via the
I/O Register Map by selecting one of three possible constant
current sources ranging from 125-375µA in 125µA steps. The
center frequency of the VCO is also adjustable via the I/O
Register Map and provides high/low gain selection. The
feedback path from VCO to PFD consists of a fixed divide-by-2
prescaler followed by a programmable divide-by-N block,
where 2 ≤ N ≤ 33. This limits the overall divider range to any
even integer from 4 to 66, inclusive. The value of N is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com