Electronic Components Datasheet Search
  English  ▼

X  

AD9549BCPZ Datasheet(PDF) 36 Page - Analog Devices

Part # AD9549BCPZ
Description  Dual Input Network Clock Generator/Synchronizer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549BCPZ Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9549BCPZ Datasheet HTML 32Page - Analog Devices AD9549BCPZ Datasheet HTML 33Page - Analog Devices AD9549BCPZ Datasheet HTML 34Page - Analog Devices AD9549BCPZ Datasheet HTML 35Page - Analog Devices AD9549BCPZ Datasheet HTML 36Page - Analog Devices AD9549BCPZ Datasheet HTML 37Page - Analog Devices AD9549BCPZ Datasheet HTML 38Page - Analog Devices AD9549BCPZ Datasheet HTML 39Page - Analog Devices AD9549BCPZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 78 page
background image
AD9549
Preliminary Technical Data
Rev. PrA | Page 36 of 78
REFA In
REFB In
REF In
Line Card
Mode
Disabled
REF In
1
1
1
1
2
2
2
3
3
3
3
4
4
4
4
5
From Reference
Selection Logic
Select REFA
Select REFB
Enabled
2
REF selection stalled until
next rising edge of REFB
Figure 21: Reference Switchover Timing
HOLDOVER
Holdover Control
Holdover functionality provides the user with a means of
maintaining the output clock signal even in the absence of a
reference signal at the REF A or B input. In holdover mode, the
output clock is generated from the SysClk input (via the DDS)
by directly applying a frequency tuning word to the DDS.
Transfer from normal operation to holdover mode may be
accomplished either manually or automatically by appropriately
programming the "Automatic Holdover" bit (0=Manual,
1=Auto). The actual transfer to holdover operation, however,
depends on the state of the HOLDOVER pin and the state of
control register bits "Enable Holdover Override" and "Holdover
On/Off ".
Manual holdover is established when the “Automatic Holdover”
bit is a logic 0 (default). In manual mode, holdover is
determined by the state of the HOLDOVER pin (0=Normal,
1=Holdover). The HOLDOVER pin is configured as a high
impedance (>100kΩ) input pin in order to accommodate
manual holdover operation.
Automatic holdover is invoked when the “AutoHold" bit is a
logic 1. In automatic mode, the HOLDOVER pin is configured
as a low impedance output with its logic state indicating the
holdover state as determined by the internal state machine
(0=Normal, 1=Holdover).
In automatic holdover operation the user may override the
internal state machine by programming the "Override HldPin"
bit to a logic 1 and the "Hldovr" bit to the desired state
(0=Normal, 1=Holdover). However, the HOLDOVER pin does
not indicate the "forced" holdover state in the override
condition, but continues to indicate the holdover state as chosen
by the internal state machine (even though the state machine
choice is overridden). This allows the user to force a holdover
state by means of the programming registers while monitoring
the response of the state machine via the HOLDOVER pin.
A functional diagram of the reference switchover and holdover
logic is shown in Figure 19 on Page 35.
NOTE: The default state for the reference switchover bits is
AutoHold=0, Override HldPin=0, and Hldovr=0.
Holdover & Reference Switchover State Machine
The interplay between the input reference signals and holdover
is most readily demonstrated by means of a state diagram. In
Figure 22, the various control signals and the four states are
shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com