Electronic Components Datasheet Search
  English  ▼

X  

TMP1820 Datasheet(PDF) 34 Page - Texas Instruments

Part # TMP1820
Description  TMP1820 1-Wire®, 1.7-V to 5.5-V Bus Powered Supply, ±0.3°C Accurate Digital Temperature Sensor
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1820 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TMP1820 Datasheet HTML 30Page - Texas Instruments TMP1820 Datasheet HTML 31Page - Texas Instruments TMP1820 Datasheet HTML 32Page - Texas Instruments TMP1820 Datasheet HTML 33Page - Texas Instruments TMP1820 Datasheet HTML 34Page - Texas Instruments TMP1820 Datasheet HTML 35Page - Texas Instruments TMP1820 Datasheet HTML 36Page - Texas Instruments TMP1820 Datasheet HTML 37Page - Texas Instruments TMP1820 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
7.6.2 Temperature Result MSB Register (Address = 01h) [reset = 00h]
The register is part of the 16-bit temperature result readout that stores the most significant byte of the output
of the most recent conversion. Following a power-up, the register has the value 00h until the first conversion is
complete.
Return to Register Map.
Figure 7-23. Temperature Result MSB Register
7
6
5
4
3
2
1
0
TEMP_RESUL
T[15:8]
R-00h
Table 7-8. Temperature Result MSB Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
TEMP_RESULT[15:8]
R
00h
Stores the MSB of the most recent temperature conversion
results.
7.6.3 Status Register (Address = 02h) [reset = 3Ch]
This register provides status of the data ready and power mode. The power mode status flag value is decided
based on the powering technique used for the device detected at power up and updated during every bus reset.
The data valid (DATA_VALD) flag is set after a conversion is completed. It is automatically cleared when the host
reads the status register.
Figure 7-24. Status Register
7
6
5
4
3
2
1
0
Reserved
Reserved
Reserved
Reserved
DATA_VALD
POWER_MOD
E
Reserved
Reserved
R-1b
R-1b
R-1b
R-1b
RC-0b
R-0b
R-0b
R-0b
Table 7-9. Status Register Field Description
Bit
Field
Type
Reset
Description
7:4
Reserved
R
1111b
Reserved
3
DATA_VALD
RC
0b
Data valid status flag
0b = no update in temperature result register
1b = Temperature result register updated after conversion
The data valid flag is automatically cleared when the host
controller reads the status register
2
POWER_MODE
R
0b
Device power mode flag.
0b = VDD powered mode
1b = Bus powered mode
1
Reserved
R
0b
Reserved
0
Reserved
R
0b
Reserved
TMP1820
SBOSA92 – SEPTEMBER 2023
www.ti.com
34
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMP1820



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com