Electronic Components Datasheet Search
  English  ▼

X  

TMP1820 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMP1820
Description  TMP1820 1-Wire®, 1.7-V to 5.5-V Bus Powered Supply, ±0.3°C Accurate Digital Temperature Sensor
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1820 Datasheet(HTML) 2 Page - Texas Instruments

  TMP1820 Datasheet HTML 1Page - Texas Instruments TMP1820 Datasheet HTML 2Page - Texas Instruments TMP1820 Datasheet HTML 3Page - Texas Instruments TMP1820 Datasheet HTML 4Page - Texas Instruments TMP1820 Datasheet HTML 5Page - Texas Instruments TMP1820 Datasheet HTML 6Page - Texas Instruments TMP1820 Datasheet HTML 7Page - Texas Instruments TMP1820 Datasheet HTML 8Page - Texas Instruments TMP1820 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings............................................................... 4
6.3 Recommended Operating Conditions.........................4
6.4 Thermal Information....................................................4
6.5 Electrical Characteristics.............................................5
6.6 1-Wire Interface Timing...............................................6
6.7 Timing Diagrams.........................................................7
7 Detailed Description......................................................10
7.1 Overview................................................................... 10
7.2 Functional Block Diagram......................................... 10
7.3 Feature Description...................................................10
7.4 Device Functional Modes..........................................20
7.5 Programming............................................................ 27
7.6 Register Maps...........................................................32
8 Application and Implementation.................................. 36
8.1 Application Information............................................. 36
8.2 Bus-Powered Application..........................................36
8.3 Supply-Powered Application..................................... 37
8.4 UART Interface for Communication.......................... 38
8.5 Power Supply Recommendations.............................38
8.6 Layout....................................................................... 39
9 Device and Documentation Support............................40
9.1 Receiving Notification of Documentation Updates....40
9.2 Support Resources................................................... 40
9.3 Trademarks...............................................................40
9.4 Electrostatic Discharge Caution................................40
9.5 Glossary....................................................................40
10 Mechanical, Packaging, and Orderable
Information.................................................................... 40
10.1 Package Option Addendum.................................... 41
10.2 Tape and Reel Information......................................42
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
September 2023
*
Initial release.
TMP1820
SBOSA92 – SEPTEMBER 2023
www.ti.com
2
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMP1820



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com