Electronic Components Datasheet Search
  English  ▼

X  

TMP1820 Datasheet(PDF) 11 Page - Texas Instruments

Part # TMP1820
Description  TMP1820 1-Wire®, 1.7-V to 5.5-V Bus Powered Supply, ±0.3°C Accurate Digital Temperature Sensor
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1820 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMP1820 Datasheet HTML 7Page - Texas Instruments TMP1820 Datasheet HTML 8Page - Texas Instruments TMP1820 Datasheet HTML 9Page - Texas Instruments TMP1820 Datasheet HTML 10Page - Texas Instruments TMP1820 Datasheet HTML 11Page - Texas Instruments TMP1820 Datasheet HTML 12Page - Texas Instruments TMP1820 Datasheet HTML 13Page - Texas Instruments TMP1820 Datasheet HTML 14Page - Texas Instruments TMP1820 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
1. Power consumption at the system level
2. EMI generated by SDQ pin current
3. Increase in temperature due to self-heating
Operating with a low impedance pullup resistor is possible, however this choice can negate the benefits of
having a low quiescent current device (for example: 2 μA), can generate EMI due to the combination of high
current (for example: 4 mA on the SDQ pin) with high logic transition-speed and smaller return lines (or GND
traces), and create self-heating in the device (for example: 4 mA × 0.25 V × 180°C/W = 0.18°C junction
temperature rise - this temperature rise happens only when the device pulls the SDQ pin down during host
read/device write bit communication) affecting accuracy.
7.3.3.1 Bus-Powered Mode Versus Supply-Powered Mode
The pullup resistor value in VDD supply mode can be much higher than value used in bus supply mode because
the conversion current flows into the sensor through the VDD pin but not through the SDQ. From a power saving
point, the supply-powered mode is better than bus-powered mode.
MCU
TMP1820
GPIO
SDQ
VDD
GND
VPUR
RPU_Bus
GND
VSDQ
Figure 7-2. Bus-Powered Mode
Consider the total bus capacitance (SDQ pin(s) & line parasitic) along with the bus leakage current when
selecting the pullup resistor. Select the pullup resistance value with the timing requirement in mind and allow VIH
signal level to be reached for either standard or overdrive mode. Note that the SDQ digital level high is set for
voltages greater than 0.8x VDD and that the SDQ pin digital level low is set for voltages lower than 0.2x VDD.
MCU
TMP1820
GPIO
SDQ
VDD
GND
VPUR
RPU_VDD
GND
VSDQ
C
BYP
GND
Figure 7-3. Supply-Powered Mode
When powering the TMP1820 using the supply-power mode, voltage variations on the SDQ pin to detect the
logic level are only dependent on the VDD supply variations. Take proper care to the power supply selection.
Refer to Power Supply Recommendations for additional information.
7.3.3.2 Design Constraints for Bus-Powered Mode With Single Device Present on Bus
In bus-powered mode of operation, the device charges an internal capacitor through the SDQ pin and the pullup
resistor to supply the power to the IC. This charge on the capacitor is used during bus communication when the
SDQ pin is low. The SDQ pin is also used to communicate with the device and acquire the temperature. During
www.ti.com
TMP1820
SBOSA92 – SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TMP1820



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com