Electronic Components Datasheet Search
  English  ▼

X  

TMP1820 Datasheet(PDF) 4 Page - Texas Instruments

Part # TMP1820
Description  TMP1820 1-Wire®, 1.7-V to 5.5-V Bus Powered Supply, ±0.3°C Accurate Digital Temperature Sensor
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1820 Datasheet(HTML) 4 Page - Texas Instruments

  TMP1820 Datasheet HTML 1Page - Texas Instruments TMP1820 Datasheet HTML 2Page - Texas Instruments TMP1820 Datasheet HTML 3Page - Texas Instruments TMP1820 Datasheet HTML 4Page - Texas Instruments TMP1820 Datasheet HTML 5Page - Texas Instruments TMP1820 Datasheet HTML 6Page - Texas Instruments TMP1820 Datasheet HTML 7Page - Texas Instruments TMP1820 Datasheet HTML 8Page - Texas Instruments TMP1820 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
Over free-air temperature range unless otherwise noted(1)
MIN
MAX
UNIT
Supply voltage
VDD
6.5
V
I/O voltage
SDQ, Bus-powered mode
–0.3
6.5
V
SDQ, Supply-powered mode
–0.3
VDD + 0.3
Operating junction temperature, TJ
-55
150
°C
Storage temperature, Tstg
-65
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
All pins
±2000
V
Charged-device model (CDM), per ANSI/ESDA/JEDEC JS-002(2)
All pins
±500
V
IEC 61000-4-2 Contact Discharge
SDQ pin
±8000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VDD
Supply voltage VDD powered mode
1.70
5.5
V
VPUR
Pullup Resistor (PUR) voltage on SDQ in bus-powered mode
(VDD = GND)
Standard mode
2.5
5.5
V
Overdrive mode
1.7
5.5
V
VI/O
SDQ pin in VDD powered mode
0
5.5
V
TA
Operating ambient temperature(1)
-55
150
°C
(1)
In bus-powered mode, overdrive speed supports the maximum operating temperature up to 150°C, while standard speed supports up
to 125°C for full VPUR range and 150°C for VPUR > 2.5V. In practice the temperature is limited to 125°C due to the 12-bit resolution
6.4 Thermal Information
THERMAL METRIC(1)
TMP1820
UNIT
LPG (TO-92)
3 PINS
RθJA
Junction-to-ambient thermal resistance
151.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
58.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
99.5
°C/W
RθJB
Junction-to-board thermal resistance
5.2
°C/W
ψJT
Junction-to-top characterization parameter
99.5
°C/W
ψJB
Junction-to-board characterization parameter
NA
°C/W
MT
Thermal Mass
34.2
mJ/°C
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
TMP1820
SBOSA92 – SEPTEMBER 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMP1820



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com